Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1030TL Datasheet(PDF) 1 Page - Semikron International

Part # SB1030TL
Description  Schottky barrier rectifiers diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SB1030TL Datasheet(HTML) 1 Page - Semikron International

  SB1030TL Datasheet HTML 1Page - Semikron International SB1030TL Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Schottky barrier rectifiers
diodes
SB 1020TL...SB 1045TL
Forward Current: 8 A
Reverse Voltage: 20 to 45 V
Preliminary Data
Features
Mechanical Data
1)
2)
3)
4)
5)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SB 1020TL...SB 1045TL
1
10-08-2010 MAM
© by SEMIKRON


Similar Part No. - SB1030TL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030 TRSYS-SB1030 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030 WTE-SB1030 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1030 WTE-SB1030 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1030TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
   Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
   Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
   Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
   Schottky barrier rectifiers diodes
SB1820 SEMIKRON-SB1820 Datasheet
365Kb / 2P
   Schottky barrier rectifiers diodes
SGL1-20 SEMIKRON-SGL1-20 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
SK12 SEMIKRON-SK12 Datasheet
141Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32 Datasheet
145Kb / 2P
   Schottky barrier rectifiers diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com