Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB027P03LX3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSB027P03LX3G
Description  p-Channel Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB027P03LX3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSB027P03LX3G Datasheet HTML 2Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 3Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 4Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 5Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 6Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 7Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 8Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 9Page - Infineon Technologies AG BSB027P03LX3G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
OptiMOS™ Power-MOSFET
BSB027P03LX3 G
Electrical characteristics diagrams
Preliminary Data Sheet
5
1.9, 2011-03-02
5
Electrical characteristics diagrams
Table 8
1 Power dissipation
2 Drain current
P
tot = f(TC)
I
D=f(TC); parameter:VGS
Table 9
3 Safe operating area
T
C=25 °C
4 Max. transient thermal impedance
I
D=f(VDS); Tj=25 °C; D=0; parameter: Tp
Z
(thJC)=f(tp); parameter: D=tp/T


Similar Part No. - BSB027P03LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB024N03LXG INFINEON-BSB024N03LXG Datasheet
290Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSB028N06NN3G INFINEON-BSB028N06NN3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V1.3, 2011-03-01
BSB028N06NN3G INFINEON-BSB028N06NN3G Datasheet
749Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSB029P03NX3 INFINEON-BSB029P03NX3 Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V1.92, 2011-03-21
More results

Similar Description - BSB027P03LX3G

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com