Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB150N15NZ3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSB150N15NZ3
Description  n-Channel Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB150N15NZ3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSB150N15NZ3 Datasheet HTML 4Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 5Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 6Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 7Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 8Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 9Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 10Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 11Page - Infineon Technologies AG BSB150N15NZ3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OptiMOS™ Power-MOSFET
BSB150N15NZ3 G
Electrical characteristics diagrams
Final Data Sheet
7
2.3, 2011-03-01
Table 12
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R
DS(on)=f(Tj); ID=30 A; VGS=10 V
V
GS(th)=f(Tj); VGS=VDS;
Table 13
11 Typ. capacitances
12 Forward characteristics of reverse diode
C=f(V
DS); VGS=0 V; f=1 MHz
I
F=f(VSD); parameter: Tj


Similar Part No. - BSB150N15NZ3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB104N08NP3 INFINEON-BSB104N08NP3 Datasheet
603Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
   OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
logo
ETA-USA
BSB12SA ETA-USA-BSB12SA Datasheet
256Kb / 2P
   60 & 80 WATT AC-DC
logo
Infineon Technologies A...
BSB165N15NZ3G INFINEON-BSB165N15NZ3G Datasheet
32Kb / 1P
   Material Content Data Sheet
3. September 2015
BSB165N15NZ3G INFINEON-BSB165N15NZ3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.2, 2011-07-20
More results

Similar Description - BSB150N15NZ3

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com