Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC018NE2LS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC018NE2LS
Description  n-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC018NE2LS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC018NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 9Page - Infineon Technologies AG BSC018NE2LS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC018NE2LS
Electrical characteristics diagrams
Final Data Sheet
5
2.0, 2011-03-01
5
Electrical characteristics diagrams
Table 8
1 Power dissipation
2 Drain current
P
tot = f(TC)
I
D=f(TC); parameter:VGS
Table 9
3 Safe operating area
T
C=25 °C
4 Max. transient thermal impedance
I
D=f(VDS); Tj=25 °C; D=0; parameter: Tp
Z
(thJC)=f(tp); parameter: D=tp/T


Similar Part No. - BSC018NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC018NE2LS INFINEON-BSC018NE2LS Datasheet
820Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC018NE2LSI INFINEON-BSC018NE2LSI Datasheet
682Kb / 10P
   OptiMOSTM Power-MOSFET
Rev.2.2 2013-04-29
BSC018NE2LS INFINEON-BSC018NE2LS_13 Datasheet
820Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
More results

Similar Description - BSC018NE2LS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com