Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC070N10NS3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC070N10NS3G
Description  OptiMOSTM3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC070N10NS3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC070N10NS3G Datasheet HTML 2Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 3Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 4Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 5Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 6Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 7Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 8Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 9Page - Infineon Technologies AG BSC070N10NS3G Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
 %   ! ! %  
  <,49=: ?<.0 : 9=>,>0 <0=4=>,9.0
& C; 2,>0 >3<0=3: 7/ @: 7>,20
' 9H"[Z#4R"( V $ 9    ) =H .
) =H"`T#4R"( V ) =H4) 9H
@1B
1=5D
5B
 $ 9
& C; .,;,.4>,9.0=
 : <A ,</ .3,<,.>0<4=>4.= : 1 <0@0<=0 /4: /0
! 4R") 9H ) =H .  + & " J
$ <4R") H9#
@1B
1=5D
5B
 ( V
`e\
  
'
)
+
-
/
('
()
(+
(-
$-'
$)'
)'
-'
(''
(+'
(/'
& Q *E
 +
  V 
  V 
'
'%,
(
(%,
)
)%,
*
*%,
+
$-'
$)'
)'
-'
(''
(+'
(/'
& Q *E
 +
8U__
8[__
8^__
('
+
('
*
('
)
('
(
('
'
'
)'
+'
-'
/'
' 5A *( +
  T
 T
  T    
 T    
(
('
(''
('''
'
'%,
(
(%,
)
' A5 *( +
+ 5F 
@175 
   


Similar Part No. - BSC070N10NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC070N10NS3G INFINEON-BSC070N10NS3G Datasheet
440Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-03-11
BSC070N10NS3G INFINEON-BSC070N10NS3G_11 Datasheet
440Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-03-11
More results

Similar Description - BSC070N10NS3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com