Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSL207SP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BSL207SP
Description  OptiMOS-P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL207SP Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSL207SP Datasheet HTML 1Page - Infineon Technologies AG BSL207SP Datasheet HTML 2Page - Infineon Technologies AG BSL207SP Datasheet HTML 3Page - Infineon Technologies AG BSL207SP Datasheet HTML 4Page - Infineon Technologies AG BSL207SP Datasheet HTML 5Page - Infineon Technologies AG BSL207SP Datasheet HTML 6Page - Infineon Technologies AG BSL207SP Datasheet HTML 7Page - Infineon Technologies AG BSL207SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-02-08
Page 3
Rev. 2.01
BSL207SP
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2∗ID∗RDS(on)max,
ID=-4.8A
7
14
-
S
Input capacitance
Ciss
VGS=0, VDS=-15V,
f=1MHz
-
1007
-
pF
Output capacitance
Coss
-
410
-
Reverse transfer capacitance
Crss
-
332
-
Turn-on delay time
td(on)
VDD=-10V, VGS=-4.5V,
ID=-1A, RG=6Ω
-
9
14
ns
Rise time
tr
-
17
26
Turn-off delay time
td(off)
-
42
63
Fall time
tf
-
53
76
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=-10V, ID=-6A
-
-1.7
-2.6
nC
Gate to drain charge
Qgd
-
-7.1
-10.7
Gate charge total
Qg
VDD=-10V, ID=-6A,
VGS=0 to -4.5V
-
-13.3
-20
Gate plateau voltage
V(plateau) VDD=-10V, ID=-6A
-
-1.6
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
-2.3
A
Inverse diode direct current,
pulsed
ISM
-
-
-24
Inverse diode forward voltage
VSD
VGS=0, |IF| = |ID|
-
-0.9
-1.3
V
Reverse recovery time
trr
VR=-10V, |IF| = |lD|,
diF/dt=100A/µs
-
29
36
ns
Reverse recovery charge
Qrr
-
12
15
nC


Similar Part No. - BSL207SP

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSL207SP INFINEON-BSL207SP Datasheet
853Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-02-02
BSL207SP INFINEON-BSL207SP Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - BSL207SP

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz