Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSO615CG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSO615CG
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSO615CG Datasheet HTML 1Page - Infineon Technologies AG BSO615CG Datasheet HTML 2Page - Infineon Technologies AG BSO615CG Datasheet HTML 3Page - Infineon Technologies AG BSO615CG Datasheet HTML 4Page - Infineon Technologies AG BSO615CG Datasheet HTML 5Page - Infineon Technologies AG BSO615CG Datasheet HTML 6Page - Infineon Technologies AG BSO615CG Datasheet HTML 7Page - Infineon Technologies AG BSO615CG Datasheet HTML 8Page - Infineon Technologies AG BSO615CG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2006-08-25
Page 3
Rev. 2.0
BSO 615 C G
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
VDS³2 * ID * RDS(on)max, ID = 2.7 A
VVDS³2 * ID * RDS(on)max, ID = -1.7 A
N
P
gfs
2.25
1.2
5.5
2.4
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
VGS = 0 V, VDS = -25 V, f = 1 MHz
N
P
Ciss
-
-
300
365
380
460
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
VGS = 0 V, VDS = -25 V, f = 1 MHz
N
P
Coss
-
-
90
105
120
135
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
VGS = 0 V, VDS = -25 V, f = 1 MHz
N
P
Crss
-
-
50
40
65
50
Turn-on delay time
VDD = 30 V, VGS = 4.5 V, ID = 2.7 A, RG = 16 W
VDD = -30 V, VGS = -4.5 V, ID = -1.7 A, RG = 13 W
N
P
td(on)
-
-
16
24
24
36
ns
Rise time
VDD = 30 V, VGS = 4.5 V, ID = 2.7 A, RG = 16 W
VDD = -30 V, VGS = -4.5 V, ID = -1.7 A, RG = 13 W
N
P
tr
-
-
75
105
115
160
Turn-off delay time
VDD = 30 V, VGS = 4.5 V, ID = 2.7 A, RG = 16 W
VDD = -30 V, VGS = -4.5 V, ID = -1.7 A, RG = 13 W
N
P
td(off)
-
-
25
125
40
190
Fall time
VDD = 30 V, VGS = 4.5 V, ID = 2.7 A, RG = 16 W
VDD = -30 V, VGS = -4.5 V, ID = -1.7 , RG = 13 W
N
P
tf
-
-
18
90
27
135


Similar Part No. - BSO615CG

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
More results

Similar Description - BSO615CG

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com