Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSO615CG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BSO615CG
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSO615CG Datasheet HTML 2Page - Infineon Technologies AG BSO615CG Datasheet HTML 3Page - Infineon Technologies AG BSO615CG Datasheet HTML 4Page - Infineon Technologies AG BSO615CG Datasheet HTML 5Page - Infineon Technologies AG BSO615CG Datasheet HTML 6Page - Infineon Technologies AG BSO615CG Datasheet HTML 7Page - Infineon Technologies AG BSO615CG Datasheet HTML 8Page - Infineon Technologies AG BSO615CG Datasheet HTML 9Page - Infineon Technologies AG BSO615CG Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2006-08-25
Page 6
Rev. 2.0
BSO 615 C G
Safe operating area (N-Ch.)
ID = f ( VDS )
parameter :
D = 0 , TA = 25 °C
10
-1
10
0
10
1
10
2
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
BSO 615 C
R D
S
(on)
=
V D
S
/ I D
DC
10 ms
1 ms
100 µs
10 µs
tp = 4.7µs
Safe operating area (P-Ch.)
ID = f ( VDS )
parameter :
D = 0 , TA = 25 °C
-10
-1
-10
0
-10
1
-10
2
V
VDS
-2
-10
-1
-10
0
-10
1
-10
A
BSO 615 C
DC
10 ms
1 ms
100 µs
tp = 90.0µs
Transient thermal impedance (N-Ch.)
ZthJC = f(tp)
parameter :
D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-1
10
0
10
1
10
2
10
K/W
BSO 615 C
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Transient thermal impedance (P-Ch.)
ZthJC = f(tp)
parameter :
D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
BSO 615 C
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BSO615CG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
More results

Similar Description - BSO615CG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz