Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSO615CG Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. BSO615CG
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSO615CG Datasheet HTML 5Page - Infineon Technologies AG BSO615CG Datasheet HTML 6Page - Infineon Technologies AG BSO615CG Datasheet HTML 7Page - Infineon Technologies AG BSO615CG Datasheet HTML 8Page - Infineon Technologies AG BSO615CG Datasheet HTML 9Page - Infineon Technologies AG BSO615CG Datasheet HTML 10Page - Infineon Technologies AG BSO615CG Datasheet HTML 11Page - Infineon Technologies AG BSO615CG Datasheet HTML 12Page - Infineon Technologies AG BSO615CG Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2006-08-25
Page 10
Rev. 2.0
BSO 615 C G
Typ. capacitances (N-Ch.)
C = f(VDS)
parameter:
VGS=0 V, f=1 MHz
0
5
10
15
20
25
VDS
35
V
1
10
2
10
3
10
pF
Ciss
Coss
Crss
Typ. capacitances (P-Ch.)
C = f(VDS)
parameter:
VGS=0 V, f=1 MHz
0
-5
-10
-15
-20
-25
VDS
-35
V
1
10
2
10
3
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD), (N-Ch.)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4 V
3.0
VSD
-2
10
-1
10
0
10
1
10
A
BSO 615 C
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
Forward characteristics of reverse diode
IF = f (VSD), (P-Ch.)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
-2
10
-1
10
0
10
1
10
A
BSO 615 C
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Similar Part No. - BSO615CG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
More results

Similar Description - BSO615CG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz