Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-050 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK672-050
Description  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK672-050 Datasheet HTML 1Page - Sanyo Semicon Device STK672-050 Datasheet HTML 2Page - Sanyo Semicon Device STK672-050 Datasheet HTML 3Page - Sanyo Semicon Device STK672-050 Datasheet HTML 4Page - Sanyo Semicon Device STK672-050 Datasheet HTML 5Page - Sanyo Semicon Device STK672-050 Datasheet HTML 6Page - Sanyo Semicon Device STK672-050 Datasheet HTML 7Page - Sanyo Semicon Device STK672-050 Datasheet HTML 8Page - Sanyo Semicon Device STK672-050 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STK672-040
No. 5227—5/11
Design material
1. Explanation of input pins
2. Functions and timing of input signals
2-1. CLK (Phase switching clock)
1. Input frequency range
sDC to 50 kHz
2. Minimum pulse width
s10
µs
3. Duty
s40 to 60%
4. Pin format
sCMOS Schmitt containing pull-up resistor (20 k
Ω typical value)
5. Noise eliminating circuit with multiple stages is contained.
6. Functions
a. When the signal M3 is set to 1 or it is opened.
The exciting phase moves at each step at the leading edge of the clock.
b. When the signal M3 is set to 0
The exciting phase moves at each step at the leading and trailing edges of the clock.
2-2. CWB (Setting of rotation direction)
1. Pin format
sCMOS Schmitt configuration containing pull-up resistor
(20k
Ω, typical value)
2. Function
a. When the signal CWB is set to 1
It rotates clockwise.
b. When the signal CWB is set to 0
It rotates counterclockwise.
3. Note
sWhen the signal M3 is set to 0, the CWB input signal must not be changed
at the leading edge and trailing edge of the clock input for the period of 5
µs.
Pin No.
Name
Function
Pin format
14
CLK
Phase switching phase
CMOS Schmitt configuration with pull-down resistor
15
CWB
Setting of rotation direction (CW/CCW)
CMOS Schmitt configuration with pull-down resistor
17
RETURN
Phase origin forced return
CMOS Schmitt configuration with pull-down resistor
18
ENABLE
Output cut-off
CMOS Schmitt configuration with pull-down resistor
9, 10, 11
M1, M2, M3
Setting of exciting mode
CMOS Schmitt configuration with pull-down resistor
12, 13
M4, M5
Setting of vector locus
CMOS Schmitt configuration with pull-down resistor
16
RESET
System reset
CMOS Schmitt configuration with pull-down resistor
8
Vref
Setting of current value
CMOS Schmitt configuration with pull-down resistor


Similar Part No. - STK672-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
More results

Similar Description - STK672-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com