Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSS123 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS123
Description  SIPMOS Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS123 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS123_10 Datasheet HTML 1Page - Infineon Technologies AG BSS123_10 Datasheet HTML 2Page - Infineon Technologies AG BSS123_10 Datasheet HTML 3Page - Infineon Technologies AG BSS123_10 Datasheet HTML 4Page - Infineon Technologies AG BSS123_10 Datasheet HTML 5Page - Infineon Technologies AG BSS123_10 Datasheet HTML 6Page - Infineon Technologies AG BSS123_10 Datasheet HTML 7Page - Infineon Technologies AG BSS123_10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2010-05-12
Page 3
Rev. 1.41
BSS123
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=0.14A
0.09
0.19
-
S
Input capacitance
Ciss
VGS=0, VDS=25V,
f=1MHz
-
55
69
pF
Output capacitance
Coss
-
8.5
10.6
Reverse transfer capacitance
Crss
-
5
6.3
Turn-on delay time
td(on)
VDD=50V, VGS=10V,
ID=0.17A, RG=6Ω
-
2.7
4
ns
Rise time
tr
-
3.1
4.6
Turn-off delay time
td(off)
-
9.9
14.8
Fall time
tf
-
25
37
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=80V, ID=0.17A
-
0.055
0.082 nC
Gate to drain charge
Qgd
-
0.77
1.15
Gate charge total
Qg
VDD=80V, ID=0.17A,
VGS=0 to 10V
-
1.78
2.67
Gate plateau voltage
V(plateau) VDD=80V, ID = 0.17 A
-
2.6
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
0.17
A
Inv. diode direct current, pulsed ISM
-
-
0.68
Inverse diode forward voltage
VSD
VGS=0, IF = IS
-
0.81
1.2
V
Reverse recovery time
trr
VR=50V, IF=lS,
diF/dt=100A/µs
-
27.6
41.1
ns
Reverse recovery charge
Qrr
-
10.5
15.7
nC


Similar Part No. - BSS123_10

ManufacturerPart #DatasheetDescription
Diodes Incorporated
Diodes Incorporated
BSS123 DIODES-BSS123_1 Datasheet
367Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30366 Rev. 6 - 2
BSS123 DIODES-BSS123_15 Datasheet
50Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 DIODES-BSS123_16 Datasheet
529Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS123_10

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSP299 INFINEON-BSP299_09 Datasheet
264Kb / 10P
   SIPMOS Small-Signal Transistor
Rev 2.1 2009-03-25
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com