Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK672
Description  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672 Datasheet HTML 3Page - Sanyo Semicon Device STK672 Datasheet HTML 4Page - Sanyo Semicon Device STK672 Datasheet HTML 5Page - Sanyo Semicon Device STK672 Datasheet HTML 6Page - Sanyo Semicon Device STK672 Datasheet HTML 7Page - Sanyo Semicon Device STK672 Datasheet HTML 8Page - Sanyo Semicon Device STK672 Datasheet HTML 9Page - Sanyo Semicon Device STK672 Datasheet HTML 10Page - Sanyo Semicon Device STK672 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK672-050
No. 5228—7/11
2-6. M4 and M5 (Setting of rotation vector locus at micro-step)
For the current division ratio, see Section 4-3.
2-7. RESET (Reset of entire system)
1. Pin format
sCMOS Schmitt configuration containing the pull-up resistor
(20 k
Ω typical value)
2. Function
sAll circuit states are set to the initial values by setting the RESET signal to the
low state (pulse width of 10
µs or more). At this time, for all modes including
the excitation mode, the A and B phases are set to the origin.
2-8. Vref(Setting of the current value used as the reference of constant current detection)
1. Pin format
sAnalog input configuration
2. Function
sBy applying the voltage of 2.5 V or less of the control system power source
Vcc2, the constant current control can be performed over the excitation current
of the motor at the 100% of the rated current value.
sThe constant current can be controlled in proportional to the Vref voltage with
this value specified as a high limit.
3. Explanation of output pins
4. Functions and timing of output signals
4-1. A, A, B, and B (Output for phase excitation use of motor)
1. Function
sIn four phase two excitation mode, the interval of 3.75
µs (typical value)
is set when the output signals of the phases A and A, B and B change.
4-2. Mo1, Mo2, and MoI (Monitor of excitation state)
1. Pin format
sCMOS standard configuration
2. Function
sOutputs the state of the current phase excitation output.
For the MoI, 0 is output at the origin of each phase.
At other points, 1 is output.
M4
1
0
1
0
M5
1
0
0
1
Mode
Real circle
Œ
Ž
Pin No.
Name
Function
Pin format
19
MoI
Phase excitation origin monitor
CMOS standard configuration
20, 21
Mo1, Mo2
Phase excitation state monitor
CMOS standard configuration
Phase coordinate
A phase
B phase
A phase
B phase
Mo1
1
0
0
1
Mo2
0
1
0
1


Similar Part No. - STK672

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-050 SANYO-STK672-050 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
More results

Similar Description - STK672

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
Sanyo Semicon Device
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
   4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com