Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS118D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS118D
Description  Smart Low Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS118D Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS118D_06 Datasheet HTML 1Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 2Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 3Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 4Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 5Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 6Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 7Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 8Page - Infineon Technologies AG BTS118D_06 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Datasheet
3
Rev. 1.3, 2006-12-22
Smart Low Side Power Switch
Power HITFET BTS 118D
Electrical Characteristics
Parameter
Symbol
Values
Unit
at
Tj = 25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150, ID = 10 mA
VDS(AZ)
42
-
55
V
Off-state drain current
Tj = -40...+85 °C, VDS = 32 V , VIN = 0 V
Tj = 150 °C
IDSS
-
-
1.5
4
8
12
µA
Input threshold voltage
ID = 0.6 mA, Tj = 25 °C
ID = 0.6 mA, Tj = 150 °C
VIN(th)
1.3
0.8
1.7
-
2.2
-
V
On state input current
IIN(on)
-
10
30
µA
On-state resistance
VIN = 5 V, ID = 2.2 A, Tj = 25 °C
VIN = 5 V, ID = 2.2 A, Tj = 150 °C
RDS(on)
-
-
90
160
120
240
m
W
On-state resistance
VIN = 10 V, ID = 2.2 A, Tj = 25 °C
VIN = 10 V, ID = 2.2 A, Tj = 150 °C
RDS(on)
-
-
70
130
100
200
Nominal load current 5)
Tj < 150°C, VIN = 10 V, TA = 85 °C, SMD 1)
ID(Nom)
2.4
3.2
-
A
Nominal load current 5)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C, Tj < 150°C
ID(ISO)
3.5
5
-
Current limit (active if
VDS>2.5 V)2)
VIN = 10 V, VDS = 12 V, tm = 200 µs
ID(lim)
10
15
20
1@ 6 cm2 cooling area
2Device switched on into existing short circuit (see diagram Determination of ID(lim)). If the device is in on condit
and a short circuit occurs, these values might be exceeded for max. 50 µs.
5not subject to production test, calculated by R
thJA and Rds(on)


Similar Part No. - BTS118D_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results

Similar Description - BTS118D_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com