Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS555 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS555
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS555 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS555_10 Datasheet HTML 2Page - Infineon Technologies AG BTS555_10 Datasheet HTML 3Page - Infineon Technologies AG BTS555_10 Datasheet HTML 4Page - Infineon Technologies AG BTS555_10 Datasheet HTML 5Page - Infineon Technologies AG BTS555_10 Datasheet HTML 6Page - Infineon Technologies AG BTS555_10 Datasheet HTML 7Page - Infineon Technologies AG BTS555_10 Datasheet HTML 8Page - Infineon Technologies AG BTS555_10 Datasheet HTML 9Page - Infineon Technologies AG BTS555_10 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet BTS555
Infineon Technologies AG
6
2010-June-01
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Diagnostic Characteristics
Current sense ratio,
IL = 120 A,Tj =-40°C:
static on-condition,
Tj =25°C:
kILIS = IL : IIS,
Tj =150°C:
VON < 1.5 V19),
IL = 30 A,Tj =-40°C:
VIS <VOUT - 5 v,
Tj =25°C:
VbIN > 4.0 V
Tj =150°C:
(see diagram on page 12)
IL = 16 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
IL = 12 A,Tj =-40°C:
Tj =25°C:
Tj =150°C:
kILIS
25 000
26 000
24 000
25 000
25 000
23 000
24 000
24 000
23 000
23 000
23 000
23 000
29 000
28 500
26 500
31 200
30 200
27 200
33 500
31 500
27 500
40 500
40 500
29 000
34 000
32 000
29 000
40 000
35 000
31 500
48 000
40 000
32 000
61 000
45 000
34 000
I
IS=0 by I
IN =0 (e.g. during deenergizing of inductive loads):
Sense current saturation
IIS,lim
6.5
--
--
mA
Current sense leakage current
IIN = 0, VIS = 0:
VIN = 0, VIS = 0, IL
≤ 0:
IIS(LL)
IIS(LH)
--
--
--
2
0.5
--
µA
Current sense settling time20)
ts(IS)
--
--
500
µs
Overvoltage protection
Tj =-40°C:
Ibb = 15 mA
Tj = 25...+150°C:
VbIS(Z)
60
62
--
66
--
--
V
Input
Input and operating current (see diagram page 13)
IN grounded (VIN = 0)
IIN(on)
--
0.8
1.5
mA
Input current for turn-off21)
IIN(off)
--
--
40
µA
19) If VON is higher, the sense current is no longer proportional to the load current due to sense current
saturation, see
IIS,lim .
20
) not subject to production test, specified by design
21
) We recommend the resistance between IN and GND to be less than 0.5 k
for turn-on and more than
500
k
for turn-off. Consider that when the device is switched off (IIN =0) the voltage between IN and GND
reaches almost Vbb.


Similar Part No. - BTS555_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS555E3146 INFINEON-BTS555E3146 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results

Similar Description - BTS555_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS660P INFINEON-BTS660P Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com