Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3028SDL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS3028SDL
Description  Smart Low Side Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3028SDL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS3028SDL Datasheet HTML 6Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 7Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 8Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 9Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 10Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 11Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 12Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 13Page - Infineon Technologies AG BTS3028SDL Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Datasheet
10
Rev. 1.0, 2009-12-06
HITFET - BTS3028SDL
Smart low side power switch
Input and Power Stage
5
Input and Power Stage
5.1
Input Circuit
Figure 5 shows the input circuit of the BTS3028SDL. The Zener Diode ZD protects the input circuit against ESD
pulses. The internal circuitry is powered via the input pin. During normal operation the Input is connected to the
Gate of the power MOSFET. During fault condition the device sinks the current
I
IN(fault) to give the fault information
back to the driving circuit. The current handling capability of the driving circuit does not influence the device
behavior as long as the supply current
I
IN is supplied.
Figure 5
Input Circuit
The following Figure shows the typical input threshold voltage of BTS3028SDL.
Figure 6
Typical Input Threshold Voltage
V
inth = f(TJ); ID = 1.2mA , VD = VIN
The following Figure shows the typical transfer characteristic of BTS3028SDL.
Input .emf
Source
ZD
IN
IIN
Gate
Fault
condition
IINf
I
IS
Logic
0,50
0,75
1,00
1,25
1,50
1,75
-50
-25
0
25
50
75
100
125
150
T [°C]
Vinth_3028.emf


Similar Part No. - BTS3028SDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3028SDR INFINEON-BTS3028SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results

Similar Description - BTS3028SDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com