Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3046SDL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS3046SDL
Description  Smart Low Side Power Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3046SDL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS3046SDL Datasheet HTML 3Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 4Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 5Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 6Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 7Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 8Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 9Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 10Page - Infineon Technologies AG BTS3046SDL Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
HITFET - BTS3046SDL
Smart low side power switch
General Product Characteristics
Datasheet
7
Rev. 1.0, 2009-12-06
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation
4.2
Functional Range
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol Limit Values Unit
Test Conditions
Min.
Max.
Voltages
4.1.1
Drain voltage
V
D
–60
V
2) V
IN = 0 V, ID = 10 mA
2) Active clamped.
4.1.2
Drain voltage for short circuit protection
V
D(SC)
–36
V
V
IN = 5 V
4.1.3
Input Current
I
IN
self limited
mA
-0.2 V <
V
IN < 10 V
-2
2
mA
V
IN < -0.2 V
or
V
IN > 10 V
4.1.4
Drain Current
I
D
–10
A
3)
3) Active limited
Energies
4.1.5
Unclamped single pulse inductive energy
single pulse
E
AS
–140
mJ
I
D(Start) = 6.5A
V
bat = 24 V;
T
J(start) = 150 °C
Temperatures
4.1.6
Operating temperature
T
J
-40
+150
°C–
4.1.7
Storage temperature
T
STG
-55
+150
°C–
ESD Susceptibility
4.1.8
ESD Resistivity
VESD
-2
2
kV
HBM4)
4) ESD susceptibility, HBM according to EIA/JESD 22-A114, Pin Source connected to Ground
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input pin voltage (device ON)
V
IN
210
V
4.2.2
Drain voltage
V
D
2.5
36
V


Similar Part No. - BTS3046SDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results

Similar Description - BTS3046SDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com