Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS4142N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS4142N
Description  Smart High-Side Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4142N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS4142N_07 Datasheet HTML 5Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 6Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 7Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 8Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 9Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 10Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 11Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 12Page - Infineon Technologies AG BTS4142N_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
9
V1.1, 2007-05-29
Smart High-Side Power Switch
BTS4142N
&RQGXFWHG6XVFHSWLELOLW\
$FF$&',(& 'LUHFW3RZHU,QMHFWLRQ
'LUHFW3RZHU,QMHFWLRQ
)RUZDUG3RZHU&:
)DLOXUHFULWHULD
$PSOLWXGHDQGIUHTXHQF\GHYLDWLRQPD[DW2XW
7\S 9EE3LQ6XVFHSWLELOLW\DW'&2Q2II










 
 
  
I 0 + ]
/LP LW
9%%  2 1
9%%  2 ))
' H Y LF H 
% 7 6    
/ R D G 
  2 K P V
2  0 R G H 
2 1  2 ) )  3 : 0
& R X S OLQ J 3 R LQ W
9 % %
0 R Q LWR U LQ J 
2 X W
0 R G X OD WLR Q 
& :
7\S 9EE3LQ6XVFHSWLELOLW\DW3:00RGH










 
 
  
I 0 + ]
/LP LW
9%%  3 : 0
' H Y LF H 
% 7 6    
/ R D G 
  2 K P V
2  0 R G H 
2 1 2 ) )  3 : 0
& R X S OLQ J 3 R LQ W
9 % %
0 R Q LW R U LQ J 
2 X W
0 R G X OD WLR Q 
& :
7HVWFLUFXLW
352)(7
9
287
,1
EE
5/
+)
—+
Ω
Q)
—+
Ω
Q)
*1'
5*1'
)RUGHILQHGGHFRXSOLQJDQGKLJKUHSURGXFLELOLW\WKHVDPHFKRNHDQGWKHVDPH
Ω PDWFKLQJQHWZRUNDVIRUWKHHPLVVLRQPHDVXUHPHQWLVXVHG


Similar Part No. - BTS4142N_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results

Similar Description - BTS4142N_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com