Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5672E Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS5672E
Description  SPI Power Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5672E Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS5672E Datasheet HTML 6Page - Infineon Technologies AG BTS5672E Datasheet HTML 7Page - Infineon Technologies AG BTS5672E Datasheet HTML 8Page - Infineon Technologies AG BTS5672E Datasheet HTML 9Page - Infineon Technologies AG BTS5672E Datasheet HTML 10Page - Infineon Technologies AG BTS5672E Datasheet HTML 11Page - Infineon Technologies AG BTS5672E Datasheet HTML 12Page - Infineon Technologies AG BTS5672E Datasheet HTML 13Page - Infineon Technologies AG BTS5672E Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
SPOC - BTS5672E
Electrical Characteristics
Data Sheet
10
Rev. 1.0, 2008-01-22
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Thermal Resistance
4.1.21 Current through limp home input pin
I
LHI
-0.75
-2.0
0.75
2.0
mA –
t ≤ 2min.
Temperatures
4.1.22 Junction temperature
T
j
-40
150
°C–
4.1.23 Dynamic temperature increase while switching
T
j
–60
K
4.1.24 Storage temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.25 ESD resistivity
OUT pins vs. VBB
other pins incl. OUT vs. GND
V
ESD
-4
-2
4
2
kV
HBM 6)
1) Not subject to production test, specified by design.
2) Device mounted on a FR4 2s2p board according to Jedec JESD51-2,-5,-7 at natural convection; The product
(chip+package) was simulated on a 76.4 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
µm Cu, 2 x 35µm Cu).
Where applicable, a thermal via array under the package contacted the first inner copper layer.
3) In accordance to AEC Q100-012 and AEC Q101-006.
4) RI is the internal resistance of the load dump pulse generator.
5) Current limitation is a protection feature. Operation in current limitation is considered as “outside” normal operating range.
Protection features are not designed for continuous repetitive operation.
6) ESD resistivity, HBM according to EIA/JESD 22-A 114B (1.5k
, 100pF).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.2.1
Junction to Case 1)
1) Not subject to production test, specified by design.
R
thJC
––
2K/W
4.2.2
Junction to Ambient 1)
R
thJA
–22
K/W
2)
2) Device mounted on a FR4 2s2p board according to Jedec JESD51-2,-5,-7 at natural convection; The product
(chip+package) was simulated on a 76.4 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70
µm Cu, 2 x 35µm Cu).
Where applicable, a thermal via array under the package contacted the first inner copper layer.
Absolute Maximum Ratings (cont’d)1)
T
j = -40 °C to +150 °C; all voltages with respect to ground
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Conditions
min.
max.


Similar Part No. - BTS5672E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS560 SIEMENS-BTS560 Datasheet
164Kb / 15P
   Smart Highside High Current Power Switch
logo
Infineon Technologies A...
BTS56033-LBA INFINEON-BTS56033-LBA Datasheet
2Mb / 71P
   SPI Power Controller
Rev. 2.0, 2014-05-26
BTS56033-LBB INFINEON-BTS56033-LBB Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS56033-LBB INFINEON-BTS56033-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS5662E INFINEON-BTS5662E Datasheet
911Kb / 45P
   SPI Power Controller
Rev. 1.0, Jan. 2008
More results

Similar Description - BTS5672E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5590G INFINEON-BTS5590G Datasheet
1Mb / 46P
   SPI Power Controller
Rev. 1.3, October 2007
BTS6480SF INFINEON-BTS6480SF Datasheet
2Mb / 73P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5682E INFINEON-BTS5682E Datasheet
939Kb / 46P
   SPI Power Controller
Rev. 1.0, Jan. 2008
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS54040-LBF INFINEON-BTS54040-LBF_15 Datasheet
2Mb / 67P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS56033-LBB INFINEON-BTS56033-LBB_15 Datasheet
2Mb / 69P
   SPI Power Controller
Rev. 2.1, 2014-12-05
BTS5566G INFINEON-BTS5566G Datasheet
881Kb / 42P
   SPI Power Controller
Rev. 1.3, October 2007
BTS6460SF INFINEON-BTS6460SF Datasheet
2Mb / 72P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5460SF INFINEON-BTS5460SF Datasheet
1Mb / 58P
   SPI Power Controller
Rev. 1.0, 2010-04-12
BTS5662E INFINEON-BTS5662E Datasheet
911Kb / 45P
   SPI Power Controller
Rev. 1.0, Jan. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com