Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6163D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS6163D
Description  Smart Highside Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6163D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS6163D Datasheet HTML 6Page - Infineon Technologies AG BTS6163D Datasheet HTML 7Page - Infineon Technologies AG BTS6163D Datasheet HTML 8Page - Infineon Technologies AG BTS6163D Datasheet HTML 9Page - Infineon Technologies AG BTS6163D Datasheet HTML 10Page - Infineon Technologies AG BTS6163D Datasheet HTML 11Page - Infineon Technologies AG BTS6163D Datasheet HTML 12Page - Infineon Technologies AG BTS6163D Datasheet HTML 13Page - Infineon Technologies AG BTS6163D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PROFET® BTS 6163 D
Data Sheet
10 of 18
Rev. 1.0, 2007-07-23
Reversave
(Reverse battery protection)
Logic
IN
IS
R
OUT
L
R
Power GND
Signal GND
Vbb
-
Power
Transistor
IN
R
bb
R
D
RIS typ. 1 kΩ. Add RIN for reverse battery protection in
applications with Vbb above 16V;
recommended value:
=
+
IS
IN
R
R
1
1
V
V
A
bb
12
|
|
08
.
0
To minimise power dissipation at reverse battery
operation, the overall current into the IN and IS pin
should be about 80mA. The current can be provided by
using a small signal diode D in parallel to the input
switch, by using a MOSFET input switch or by proper
adjusting the current through RIS.
Since the current via Rbb generates additional heat in
the device, this has to be taken into account in the
overall thermal consideration.
Inverse load current operation
PROFET
V
IN
OUT
IS
bb
Vbb
VOUT
- IL
R IS
V
IS
V
IN
+
-
+
-
IIS
The device can be operated in inverse load current
mode (VOUT > Vbb > 0V). The current sense feature is
not available during this kind of operation (IIS = 0). In
case of inverse operation the intrinsic drain source
diode is eventually conducting resulting in considerably
increased power dissipation.
The transition from inverse to forward mode can result
in a delayed switch on.
Note: Temperature protection during inverse load
current operation is not possible!
Vbb disconnect with energised inductive
load
Provide a current path with load current capability by
using a diode, a Z-diode, or a varistor. (VZL+VD<63 V if
RIN = 0). For higher clamp voltages currents at IN and
IS have to be limited to 120 mA.
Version a:
PROFET
V
IN
OUT
IS
bb
V
bb
VZL
V
D


Similar Part No. - BTS6163D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6163D INFINEON-BTS6163D Datasheet
259Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS6163D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com