Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS302_SOT-23 Datasheet(PDF) 1 Page - Micross Components

Part # LS302_SOT-23
Description  MONOLITHIC DUAL NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS302_SOT-23 Datasheet(HTML) 1 Page - Micross Components

  LS302_SOT-23 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
HIGH  GAIN  
hFE ≥ 1000 @ 1µA TYP. 
LOW OUTPUT CAPACITANCE 
COBO ≤ 2.0pF 
TIGHT VBE MATCHING 
|VBE1 – VBE2 |= 0.2mV TYP. 
HIGH ft 
100MHz 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
5mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 
Base Emitter Voltage Differential 
‐‐ 
0.2 
mV 
I= 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
nA 
IC = 10µA, VCE = 5V 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
‐‐ 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage 
35 
‐‐ 
‐‐ 
I= 10µA, I= 0 
BVCEO 
Collector to Emitter Voltage 
35 
‐‐ 
‐‐ 
I= 10µA, I= 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
I= 10µA, I= 0
2 
BVCCO 
Collector to Collector Voltage 
100 
‐‐ 
‐‐ 
I= 10µA, I= 0 
 
hFE 
 
DC Current Gain 
‐‐ 
1000 
‐‐ 
 
I= 1µA, VCE = 5V 
1000 
‐‐ 
‐‐ 
 
I= 10µA, VCE = 5V 
‐‐ 
1000 
‐‐ 
 
I= 500µA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.5 
I= 1mA, I= 0.1mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
0.2 
pA 
I= 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
100 
pA 
I= 0, VCB = 10V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
pF 
I= 0, VEB = 1V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
0.5 
nA 
VCC = ±80V 
fT 
Current Gain Bandwidth Product 
100 
‐‐ 
‐‐ 
MHz 
I= 200µA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
dB 
I= 10µA,  VCE = 3V, BW=200Hz, RG= 10KΩ,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS302
MONOLITHIC DUAL
NPN TRANSISTOR
LS302 Features:
Very high gain
Tight matching
Low Output Capacitance
The LS302 is a monolithic pair of high voltage Super-
Beta NPN transistors mounted in a single SOT-23
package. The monolithic dual chip design reduces
parasitics and gives better performance while ensuring
extremely tight matching.
The 6 Pin SOT-23 provides ease of manufacturing, and
a lower cost assembly option.
(See Packaging Information).
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
Available Packages:
LS302 in SOT-23
LS302 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
SOT-23 (Top View)


Similar Part No. - LS302_SOT-23

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS302_SOIC MICROSS-LS302_SOIC Datasheet
288Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS302_SOT-23

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS318_TO-71 MICROSS-LS318_TO-71 Datasheet
296Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS350_TO-78 MICROSS-LS350_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_SOIC MICROSS-LS352_SOIC Datasheet
276Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS352_TO-71 MICROSS-LS352_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS310_TO-78 MICROSS-LS310_TO-78 Datasheet
284Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS311_TO-71 MICROSS-LS311_TO-71 Datasheet
283Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
LS3250C_TO-71 MICROSS-LS3250C_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT121_TO-78 MICROSS-IT121_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT124_TO-71 MICROSS-IT124_TO-71 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT130_TO-78 MICROSS-IT130_TO-78 Datasheet
289Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com