Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445
Description  230VAC, 6W- 15W Isolated Flyback LED Driver Solid State Lighting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3445_1 Datasheet HTML 3Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 4Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 5Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 6Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 7Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 8Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 9Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 10Page - National Semiconductor (TI) LM3445_1 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
//htmlimg2.alldatasheet.net/htmldatasheet2/416776/NSC/LM3445_1/421/7/LM3445_1.png


Similar Part No. - LM3445_1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
More results

Similar Description - LM3445_1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
P-tec Corporation
PLSO-TR46000-M2X2 P-TEC-PLSO-TR46000-M2X2 Datasheet
434Kb / 1P
   SOLID-STATE LED LIGHTING SYSTEM
logo
Unisonic Technologies
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
logo
Phihong USA Inc.
PDA015A-350C PHIHONG-PDA015A-350C Datasheet
134Kb / 2P
   15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA015B-350C PHIHONG-PDA015B-350C Datasheet
127Kb / 2P
   15W Constant Current LED Driver Power Supply for Indoor Lighting
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
   Solid State Lighting Connector Update
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com