Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSSSTPAD10 Datasheet(PDF) 1 Page - Micross Components

Part # LSSSTPAD10
Description  PICO-AMP DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSSSTPAD10 Datasheet(HTML) 1 Page - Micross Components

  LSSSTPAD10 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SSTPAD10 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐30V 
ULTRALOW LEAKAGE ≤ 10 pA 
REVERSE CAPACITANCE 
Crss ≤ 2pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
10mA 
 
 
LSSSTPAD10 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐35 
‐‐ 
‐‐ 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
IF = 5mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
1.5 
pF 
VR = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐10 
pA 
VR = ‐ 20V 
SOT-23 (Top View)
The LSSSTPAD10 extremely low-leakage diode
provides a superior alternative to conventional diode
technology when reverse current (leakage) must be
minimized. The LSSSTPAD10 features a leakage
current of -10 pA and is well suited for use in
applications such as input protection for operational
LSSSTPAD10 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
LSSSTPAD10 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The LSSSTPAD10 is a low leakage Pico-Amp Diode packaged in
SOT-23
LSSSTPAD10
LOW LEAKAGE
PICO-AMP DIODE
Available Packages:
LSSSTPAD10 in SOT-23
LSSSTPAD10 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix SSTPAD10
Notes:
1. Absolute maximum ratings are limiting values above which LSSSTPAD10 serviceability may be impaired.
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Similar Part No. - LSSSTPAD10

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSSSTPAD100 MICROSS-LSSSTPAD100 Datasheet
267Kb / 1P
   PICO-AMP DIODE
LSSSTPAD100_SOT-23 MICROSS-LSSSTPAD100_SOT-23 Datasheet
267Kb / 1P
   PICO-AMP DIODE
More results

Similar Description - LSSSTPAD10

ManufacturerPart #DatasheetDescription
logo
Micross Components
PAD2_TO-72 MICROSS-PAD2_TO-72 Datasheet
264Kb / 1P
   PICO-AMP DIODE
LSPAD100_TO-72 MICROSS-LSPAD100_TO-72 Datasheet
265Kb / 1P
   PICO-AMP DIODE
LSJPAD20_TO-92 MICROSS-LSJPAD20_TO-92 Datasheet
265Kb / 1P
   PICO-AMP DIODE
LSJPAD10_TO-92 MICROSS-LSJPAD10_TO-92 Datasheet
265Kb / 1P
   PICO-AMP DIODE
LSJPAD50_TO-92 MICROSS-LSJPAD50_TO-92 Datasheet
265Kb / 1P
   PICO-AMP DIODE
LSJPAD100_TO-92 MICROSS-LSJPAD100_TO-92 Datasheet
265Kb / 1P
   PICO-AMP DIODE
LSPAD2_TO-72 MICROSS-LSPAD2_TO-72 Datasheet
264Kb / 1P
   PICO-AMP DIODE
LSSSTPAD5_SOT-23 MICROSS-LSSSTPAD5_SOT-23 Datasheet
267Kb / 1P
   PICO-AMP DIODE
LSSSTPAD50_SOT-23 MICROSS-LSSSTPAD50_SOT-23 Datasheet
268Kb / 1P
   PICO-AMP DIODE
PAD1_TO-72 MICROSS-PAD1_TO-72 Datasheet
264Kb / 1P
   PICO-AMP DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com