Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP10R06KL4 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FP10R06KL4
Description  IGBT-modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R06KL4 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button FP10R06KL4 Datasheet HTML 3Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 4Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 5Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 6Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 7Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 8Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 9Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 10Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Technische Information / technical information
FP10R06KL4
IGBT-Module
IGBT-modules
!
"#
&
6? ( C
# V
X
&
6? ( C
# V
X
&
6? ( C
# V
X
&
6? ( C
# V
X
@
'
6? ( 6
V
X
@
'
6? ( 6
V
X
@
'
6? ( 6
V
X
@
'
6? ( 6
V
X
$87 + VNDX5 $8[[ + VNDX
$87 + VNDX5 $8[[ + VNDX
$87 + VNDX5 $8[[ + VNDX
$87 + VNDX5 $8[[ + VNDX
/D1 + Y , /5 60 +
:5 /01 + "
/
/D1 + Y , /5 60 +
:5 /01 + "
/
/D1 + Y , /5 60 +
:5 /01 + "
/
/D1 + Y , /5 60 +
:5 /01 + "
/
ND rPt
80
100
120
140
160
180
200
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
$875 ()* +
,-.
$8[[5 ()* +
,-.
(
CH % @
6? ( C
#
(
CH % @
6? ( C
#
(
CH % @
6? ( C
#
(
CH % @
6? ( C
#
%
%
6? (
%
%
6? (
%
%
6? (
%
%
6? (
•AKae + V X
•AKae + V X
•AKae + V X
•AKae + V X
r t
0,001
0,01
0,1
1
10
0,1
1
10
•AKae 6? (
Or FCt
Or t
5 ,4
5
,
5" 3
5
,
"
5B!,
5 ,
!
5 B
5
&
N
@H
:
6? ( C # VN &y:X
&
N
@H
:
6? ( C # VN &y:X
&
N
@H
:
6? ( C # VN &y:X
&
N
@H
:
6? ( C # VN &y:X
'
6? (
# VN &y:X
'
6? (
# VN &y:X
'
6? (
# VN &y:X
'
6? (
# VN &y:X
60 + V/01X
60 + V/01X
60 + V/01X
60 + V/01X
/D1 + Y , /5 ND8[[ + 4 P5 ()* +
,-.
/D1 + Y , /5 ND8[[ + 4 P5 ()* +
,-.
/D1 + Y , /5 ND8[[ + 4 P5 ()* +
,-.
/D1 + Y , /5 ND8[[ + 4 P5 ()* +
,-.
/01 r/t
0
100
200
300
400
500
600
700
0
4
8
12
16
20
24
605
605 .
C
# V
X
C
# V
X
C
# V
X
C
# V
X
@
V
X
@
V
X
@
V
X
@
V
X
6f + V/fX
6f + V/fX
6f + V/fX
6f + V/fX
/f r/t
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
2
4
6
8
10
12
14
16
18
20
()* + ,-.
()* +
,-.


Similar Part No. - FP10R06KL4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP10R06KL4 ETC1-FP10R06KL4 Datasheet
208Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
FP10R06KL4_B3 EUPEC-FP10R06KL4_B3 Datasheet
329Kb / 10P
   IGBT-modules
More results

Similar Description - FP10R06KL4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com