Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND303 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND303
Description  General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND303 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND303 Datasheet HTML 1Page - Sanyo Semicon Device TND303 Datasheet HTML 2Page - Sanyo Semicon Device TND303 Datasheet HTML 3Page - Sanyo Semicon Device TND303 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TND303S
No.7085-2/4
Electrical Characteristics (DC Characteristics) at Ta=25
°C, VDD=4.5 to 25V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Input Bias Current
IIN
VIN=0 or VDD
--1
1
µA
High Level Output Voltage
VOH
IO=0
VDD--0.1
V
Low Level Output Voltage
VOL
IO=0
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0, (both inputs)
0.2
mA
Output High Short Circuit Pulsed Current
IO+VDD=18V, PW≤10µs, VOUT=0
2.0
A
Output Low Short Circuit Pulsed Current
IO--
VDD=18V, PW≤10µs, VOUT=18V
2.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
4
6
VDD=18V, Iload=10mA, VOUT=“L”
3
5
Block Diagram
Switching Time Measuring Circuit
VDD
IN
OUT
INVERTING
NON-INVERTING
GND
90%
INPUT
INPUT RISE
AND FALL
TIMES=5ns
INVERTING
OUTPUT
NONINVERTING
OUTPUT
90%
90%
10%
10%
10%
+5V
+0.4V
+18V
0V
+18V
0V
0.1
µF
OUTPUT A
1000pF
1000pF
OUTPUT B
INPUT A
INPUT B
4.7
µF
tr
tf
tD1
tD2
VDD=18V
TND303S
10%
10%
90%
90%
tr
tf
tD1
tD2


Similar Part No. - TND303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND301 SANYO-TND301 Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
logo
ON Semiconductor
TND301 ONSEMI-TND301 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
logo
Sanyo Semicon Device
TND301S SANYO-TND301S Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND302 SANYO-TND302 Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND302S SANYO-TND302S Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
More results

Similar Description - TND303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND304S SANYO-TND304S Datasheet
37Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND301S SANYO-TND301S Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND302S SANYO-TND302S Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND332ST SANYO-TND332ST Datasheet
270Kb / 5P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND313S SANYO-TND313S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND322VD SANYO-TND322VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com