Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP10R06W1E3_B11 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FP10R06W1E3_B11
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R06W1E3_B11 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FP10R06W1E3_B11 Datasheet HTML 1Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 2Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 3Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 4Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 5Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 6Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 7Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 8Page - Infineon Technologies AG FP10R06W1E3_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
!
!
!"#
$%
&'#
"(
"
#
!
$$
!
%
&
!
' %
"
#
! (
$
%
' %
)*+, - .
)
)*+, - .
)
)*+, - .
)
)*+, - .
)
/* 012 -
3 4 /*56 -
3
/* 012 -
3 4 /*56 -
3
/* 012 -
3 4 /*56 -
3
/* 012 -
3 4 /*56 -
3
7
8 3 9
:
7
8 3 9
:
7
8 3 9
:
7
8 3 9
:
7
3
7
3
7
3
7
3
))
;
8
3 <
/
))
:
3 =
:
))
' >
8 ' :
8
' >
8 ' :
8
' >
8 ' :
8
' >
8 ' :
8
'
?
'
?
'
?
'
?
))
@
: A 8
% 9 A9
8 : %
))
@
:
)*+BCD
% 9 )*+BCD
))
7
8 /E 7
7
8 /E 7
))
)*+BCD
7
>
F
)*+BCD 9 8
7
=
8
8 ' :
8
8
8 ' :
8
8
8 ' :
8
8
8 ' :
8
8
?
8
?
8
?
8
?
))
3 GHI A
>
8
8
J
3 GHI A
9 8 % 9 78
K
))
>
:
=
:
))
L
?/7 )
:
8 >
L
?/7 =
7
8
:
))
K
:
8
:
:
: >
K ::
:
:
:
%
=
%
=
%
=
%
=
=
#
=
#
=
#
=
#
M
=
M
=
M
=
M
=
=
8 =
=
8 =
=
8 =
=
8 =
:
:
:
:
A
@
"
@
.
L
H
@
&L
N
(
&L
J
>(


Similar Part No. - FP10R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11_13 Datasheet
835Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:3.0
More results

Similar Description - FP10R06W1E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com