Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F97J60 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F97J60
Description  64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
Download  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F97J60 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F97J60 Datasheet HTML 21Page - Microchip Technology PIC18F97J60 Datasheet HTML 22Page - Microchip Technology PIC18F97J60 Datasheet HTML 23Page - Microchip Technology PIC18F97J60 Datasheet HTML 24Page - Microchip Technology PIC18F97J60 Datasheet HTML 25Page - Microchip Technology PIC18F97J60 Datasheet HTML 26Page - Microchip Technology PIC18F97J60 Datasheet HTML 27Page - Microchip Technology PIC18F97J60 Datasheet HTML 28Page - Microchip Technology PIC18F97J60 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 492 page
background image
 2011 Microchip Technology Inc.
DS39762F-page 25
PIC18F97J60 FAMILY
TABLE 1-5:
PIC18F86J60/86J65/87J60 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
MCLR
9
I
ST
Master Clear (Reset) input. This pin is an active-low Reset to
the device.
OSC1/CLKI
OSC1
CLKI
49
I
I
ST
CMOS
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
ST buffer when configured in internal RC mode; CMOS
otherwise.
External clock source input. Always associated with
pin function, OSC1. (See related OSC2/CLKO pin.)
OSC2/CLKO
OSC2
CLKO
50
O
O
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In Internal RC mode, OSC2 pin outputs CLKO which has
1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
PORTA is a bidirectional I/O port.
RA0/LEDA/AN0
RA0
LEDA
AN0
30
I/O
O
I
TTL
Analog
Digital I/O.
Ethernet LEDA indicator output.
Analog Input 0.
RA1/LEDB/AN1
RA1
LEDB
AN1
29
I/O
O
I
TTL
Analog
Digital I/O.
Ethernet LEDB indicator output.
Analog Input 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
28
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 2.
A/D reference voltage (low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
27
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 3.
A/D reference voltage (high) input.
RA4/T0CKI
RA4
T0CKI
34
I/O
I
ST
ST
Digital I/O.
Timer0 external clock input.
RA5/AN4
RA5
AN4
33
I/O
I
TTL
Analog
Digital I/O.
Analog Input 4.
Legend:
TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Default assignment for ECCP2/P2A when CCP2MX Configuration bit is set.
2:
Default assignments for P1B/P1C/P3B/P3C (ECCPMX Configuration bit is set).
3:
Alternate assignment for ECCP2/P2A when CCP2MX Configuration bit is cleared.
4:
Alternate assignments for P1B/P1C/P3B/P3C (ECCPMX Configuration bit is cleared).


Similar Part No. - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F97J60-I/PF MICROCHIP-PIC18F97J60-I/PF Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60-I/PT MICROCHIP-PIC18F97J60-I/PT Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
More results

Similar Description - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com