Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F97J60 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC18F97J60
Description  64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
Download  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F97J60 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC18F97J60 Datasheet HTML 37Page - Microchip Technology PIC18F97J60 Datasheet HTML 38Page - Microchip Technology PIC18F97J60 Datasheet HTML 39Page - Microchip Technology PIC18F97J60 Datasheet HTML 40Page - Microchip Technology PIC18F97J60 Datasheet HTML 41Page - Microchip Technology PIC18F97J60 Datasheet HTML 42Page - Microchip Technology PIC18F97J60 Datasheet HTML 43Page - Microchip Technology PIC18F97J60 Datasheet HTML 44Page - Microchip Technology PIC18F97J60 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 492 page
background image
 2011 Microchip Technology Inc.
DS39762F-page 41
PIC18F97J60 FAMILY
PORTJ is a bidirectional I/O port.
RJ0/ALE
RJ0
ALE
49
I/O
O
ST
Digital I/O.
External memory address latch enable.
RJ1/OE
RJ1
OE
50
I/O
O
ST
Digital I/O.
External memory output enable.
RJ2/WRL
RJ2
WRL
66
I/O
O
ST
Digital I/O.
External memory write low control.
RJ3/WRH
RJ3
WRH
61
I/O
O
ST
Digital I/O.
External memory write high control.
RJ4/BA0
RJ4
BA0
47
I/O
O
ST
Digital I/O.
External Memory Byte Address 0 control.
RJ5/CE
RJ5
CE
48
I/O
O
ST
Digital I/O
External memory chip enable control.
RJ6/LB
RJ6
LB
58
I/O
O
ST
Digital I/O.
External memory low byte control.
RJ7/UB
RJ7
UB
39
I/O
O
ST
Digital I/O.
External memory high byte control.
TABLE 1-6:
PIC18F96J60/96J65/97J60 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend:
TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Alternate assignment for ECCP2/P2A when CCP2MX Configuration bit is cleared (Extended Microcontroller mode).
2:
Default assignment for ECCP2/P2A for all devices in all operating modes (CCP2MX Configuration bit is set).
3:
Default assignments for P1B/P1C/P3B/P3C (ECCPMX Configuration bit is set).
4:
Alternate assignment for ECCP2/P2A when CCP2MX Configuration bit is cleared (Microcontroller mode).
5:
Alternate assignments for P1B/P1C/P3B/P3C (ECCPMX Configuration bit is cleared).


Similar Part No. - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F97J60-I/PF MICROCHIP-PIC18F97J60-I/PF Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60-I/PT MICROCHIP-PIC18F97J60-I/PT Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
More results

Similar Description - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com