Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F97J60 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC18F97J60
Description  64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
Download  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F97J60 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F97J60 Datasheet HTML 69Page - Microchip Technology PIC18F97J60 Datasheet HTML 70Page - Microchip Technology PIC18F97J60 Datasheet HTML 71Page - Microchip Technology PIC18F97J60 Datasheet HTML 72Page - Microchip Technology PIC18F97J60 Datasheet HTML 73Page - Microchip Technology PIC18F97J60 Datasheet HTML 74Page - Microchip Technology PIC18F97J60 Datasheet HTML 75Page - Microchip Technology PIC18F97J60 Datasheet HTML 76Page - Microchip Technology PIC18F97J60 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 492 page
background image
 2011 Microchip Technology Inc.
DS39762F-page 73
PIC18F97J60 FAMILY
CCP4CON
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
--00 0000
--00 0000
--uu uuuu
CCPR5H
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR5L
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP5CON
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
--00 0000
--00 0000
--uu uuuu
SPBRG2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
RCREG2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
TXREG2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
TXSTA2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0010
0000 0010
uuuu uuuu
RCSTA2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 000x
0000 000x
uuuu uuuu
ECCP3AS
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
ECCP3DEL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
ECCP2AS
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
ECCP2DEL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
SSP2BUF
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSP2ADD
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
SSP2STAT
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
SSP2CON1
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
SSP2CON2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
EDATA
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
xxxx xxxx
uuuu uuuu
uuuu uuuu
EIR
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
-000 0-00
-000 0-00
-uuu u-uu
ECON2
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
100- ----
100- ----
uuu- ----
ESTAT
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
-0-0 -000
-0-0 -000
-u-u -uuu
EIE
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
-000 0-00
-000 0-00
-uuu u-uu
EDMACSH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
EDMACSL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
EDMADSTH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0000
---0 0000
---u uuuu
EDMADSTL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
EDMANDH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0000
---0 0000
---u uuuu
EDMANDL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
EDMASTH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0000
---0 0000
---u uuuu
EDMASTL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
ERXWRPTH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0000
---0 0000
---u uuuu
ERXWRPTL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
0000 0000
0000 0000
uuuu uuuu
ERXRDPTH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0101
---0 0101
---u uuuu
ERXRDPTL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
1111 1010
1111 1010
uuuu uuuu
ERXNDH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---1 1111
---1 1111
---u uuuu
ERXNDL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
1111 1111
1111 1111
uuuu uuuu
ERXSTH
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
---0 0101
---0 0101
---u uuuu
ERXSTL
PIC18F6XJ6X
PIC18F8XJ6X
PIC18F9XJ6X
1111 1010
1111 1010
uuuu uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset,
RESET
Instruction,
Stack Resets,
CM Reset
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for Reset value for specific condition.


Similar Part No. - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F97J60-I/PF MICROCHIP-PIC18F97J60-I/PF Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60-I/PT MICROCHIP-PIC18F97J60-I/PT Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
More results

Similar Description - PIC18F97J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com