Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP50R12KT4G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FP50R12KT4G
Description  EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP50R12KT4G Datasheet(HTML) 1 Page - Infineon Technologies AG

  FP50R12KT4G Datasheet HTML 1Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 2Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 3Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 4Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 5Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 6Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 7Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 8Page - Infineon Technologies AG FP50R12KT4G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
!"##
$%
&'#
!(
!
"#
$$
!
%
&
' %
!
"#
(
$
!
%
' %
)*+, -
)
)*+, -
)
)*+, -
)
)*+, -
)
.* /01 - ! 2 3 .*45 -
2
.* /01 - ! 2 3 .*45 -
2
.* /01 - ! 2 3 .*45 -
2
.* /01 - ! 2 3 .*45 -
2
6
7 2 8
9
6
7 2 8
9
6
7 2 8
9
6
7 2 8
9
6
2
6
2
6
2
6
2
))
:
7
2 ;
.
))
<
))
7
<
' =
7 ' 9
7
' =
7 ' 9
7
' =
7 ' 9
7
' =
7 ' 9
7
'
>
'
>
'
>
'
>
))
?
9
7
% 8 8
7 9 %
))
?
9
)*+@AB
% 8 )*+@AB
))
6
7 .CD6
6
7 .CD6
))
6EF 0G - ! H
6EF 0G - ! H
))
)*+@AB
6
=
I
)*+@AB 8 7
6
7
7 ' 9
7
7
7 ' 9
7
7
7 ' 9
7
7
7 ' 9
7
7
>
7
>
7
>
7
>
))
2 JKL
=
7
7
M
2 JKL
8 7 % 8 67
))
: 7 %
7
7 M
7
9=
: 97 N 8
67
9
))
.
9
?6
6
.
9
?6
))
O
D
N
))
%P
9
7 =
6
7
9
))
: =
:
))
9 7Q
:
9
%
%
%
%
D
#
D
#
D
#
D
#
< R
< R
< R
< R
7
7
7
7
< 9
< 9
< 9
< 9
?
!
?
"
N
K
?
<
&N
S
(
<
&N
M
=(


Similar Part No. - FP50R12KT4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R12KT4G INFINEON-FP50R12KT4G Datasheet
852Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-11-11 revision:3.0
FP50R12KT4G INFINEON-FP50R12KT4G_13 Datasheet
852Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-11-11 revision:3.0
FP50R12KT4G_B15 INFINEON-FP50R12KT4G_B15 Datasheet
833Kb / 12P
   EconoPIM3 Modul mit Trench
2013-11-05 revision:3.0
More results

Similar Description - FP50R12KT4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11 Datasheet
601Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11 Datasheet
602Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
537Kb / 12P
   EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-19 rev 2.2
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com