Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP100R12KT4_B11 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FP100R12KT4_B11
Description  EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP100R12KT4_B11 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FP100R12KT4_B11 Datasheet HTML 1Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 2Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 3Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 4Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 5Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 6Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 7Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 8Page - Infineon Technologies AG FP100R12KT4_B11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
*
""
#
""
H
4
F
6
;
6
3>? + %AB
'112
'
:
6
4
:B
5
,l
%
H
4
F
;
5
@ +
,l12
%
S
F
6
,m
'1 +
'P R +
P 3>? +
%AB
'1 +
'P R +
P 3>? + % AB
,m
P
$ P
m
m
8
:
4
6
5
6
,l + % P 'T) +
'
,l + % P 'T) +
'
,l + % P 'T) +
'
'l
PQ%
PQ%
PQ%
P %
'
'
'
3>? + %AB
3>? +
%AB
3>? + % AB
\ ;
F
;
,l + % P
l0
+
0X "3>?+ % AB&
'1 + M
'
'T) +
% '
,12
P
P
P
3>? + %AB
3>? +
%AB
3>? + % AB
F^6
6
6
4 6
,l + % P
l0
+
0X "3>?+ % AB&
'1 + M
'
'T) +
% '
W]
P
P
P
XB
XB
XB
3>? + %AB
3>? +
%AB
3>? + % AB
4
6
H
6
,l + % P
l0
+
0X "3>?+ % AB&
'1 + M
'
'T) +
% '
#][n
P
P%
PQ
b
b
b
3>? + %AB
3>? +
%AB
3>? + % AB
,
GK
5
4
P f
:
0
EVg(
P %
I0G
h
6
6 GK
5
4
P
4
;
:
0
iRDCE[ +
G0" eI& 0ij][DC[ +
G0" eI&
EV(k
PM
I0G
$
$
8
=
5
3( + %AB
pq
%P
;Z
5
4
6
rss
rss
3( +
ABP
rss +
Z
t 0
%
%u
'
6
5
3( + %AB
Hpq
P
G
J G
J
p +
pq 8 vJpqwqs" 03p
0"
$P % I&&x
Jpqwqs
Q%
I
J G
J
p +
pq 8 vJpqwys" 03p
0"
$P % I&&x
Jpqwys
I
J G
J
p +
pq 8 vJpqwrss" 03p
0"
$P % I&&x
Jpqwrss
I
+ , -
,
./ ,0 , +$$
'
1
2$
,
3
$$
1


Similar Part No. - FP100R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
FP100R12KT4_B11 INFINEON-FP100R12KT4_B11_13 Datasheet
874Kb / 12P
   EconoPIM3 Modul mit schnellem Trench
2013-10-16 revision:3.0
More results

Similar Description - FP100R12KT4_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11 Datasheet
601Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2010-04-29 revision:3.0
FP50R12KT4G INFINEON-FP50R12KT4G Datasheet
592Kb / 12P
   EconoPIM3 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-29 revision:3.0
FP35R12W2T4 INFINEON-FP35R12W2T4 Datasheet
537Kb / 12P
   EasyPIM??module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-19 rev 2.2
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
   PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
   EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
   EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com