Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS320 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 5 Page - Microchip Technology

  HCS320_11 Datasheet HTML 1Page - Microchip Technology HCS320_11 Datasheet HTML 2Page - Microchip Technology HCS320_11 Datasheet HTML 3Page - Microchip Technology HCS320_11 Datasheet HTML 4Page - Microchip Technology HCS320_11 Datasheet HTML 5Page - Microchip Technology HCS320_11 Datasheet HTML 6Page - Microchip Technology HCS320_11 Datasheet HTML 7Page - Microchip Technology HCS320_11 Datasheet HTML 8Page - Microchip Technology HCS320_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2011 Microchip Technology Inc.
DS41097D-page 5
HCS320
2.0
DEVICE OPERATION
As shown in the typical application circuits (Figure 2-1),
the HCS320 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. A description of
each pin is described in Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
The HCS320 will wake-up upon detecting a button
press and delay approximately 10 ms for button
debounce (Figure 2-2). The synchronization counter,
discrimination value and button information will be
encrypted to form the hopping code. The hopping code
portion will change every transmission, even if the
same button is pushed again. A code word that has
been transmitted will not repeat for more than 64K
transmissions. This provides more than 18 years of use
before a code is repeated; based on 10 operations per
day. Overflow information sent from the encoder can be
used to extend the number of unique transmissions to
more than 192K.
If in the transmit process it is detected that a new but-
ton(s) has been pressed, a RESET will immediately
occur and the current code word will not be completed.
Please note that buttons removed will not have any
effect on the code word unless no buttons remain
pressed; in which case the code word will be completed
and the power-down will occur.
B0
Tx out
S0
S1
S2
SHIFT
LED
VDD
PWM
VSS
2 button remote control
B1
Tx out
S0
S1
S2
SHIFT
LED
VDD
PWM
VSS
5 button remote control(1)
B3 B2 B1 B0
Note 1: The full 16 function codes are
implemented using the shift button.
2: Resistor R is recommended for current
limiting.
+12V
+12V
R (2)
R (2)
SHIFT
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2/Clock pin when in
Programming mode
SHIFT
4
Switch input for Shift
VSS
5
Ground reference
PWM
6
Pulse Width Modulation (PWM)
output pin / Data pin for
Programming mode
LED
7
Cathode connection for LED
VDD
8
Positive supply voltage


Similar Part No. - HCS320_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
More results

Similar Description - HCS320_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
   KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
   KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
   KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com