Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRM6UF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRM6UF
Description  Ultra Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM6UF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRM6UF Datasheet HTML 1Page - Solid States Devices, Inc SRM6UF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0129F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SRM__ UF __ __
Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial
SMS = Surface Mount Square Tab
BTR = Button
Voltage
6 = 600 V
8 = 800 V
10 = 1000V
12 = 1200V
SRM6UF thru SRM12UF
Series
20 AMP
Ultra Fast Rectifier
600-1200 Volts
75 nsec
Features:
Replaces DO-4 and DO-5
Ultra Fast Recovery
PIV to 1200 Volts
Low Reverse Leakage Current
Hermetically Sealed Void-Free Construction
3/
Monolithic Single Chip Construction
High Surge Rating
Low Thermal Resistance
Equivalent to 1N6690-1N6693
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SRM6UF
SRM8UF
SRM10UF
SRM12UF
VRRM
VRWM
VR
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz Sine Wave, Axial Tc
≤55°C; SMS/BTR Tc≤100°C )
IO
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between
Pulses, TA=25
oC)
IFSM
375
Amps
Operating and Storage Temperature
Top & Tstg
-65 to +175
oC
Maximum Thermal Resistance
(Axial – Junction to Lead, L=1/8”)
(SMS – Junction to End Tab)
(Button – Junction to Case)
Axial ( )
Square Tab (SMS)
Button (BTR)
RθJL
RθJE
RθJC
3.4
2.5
1.0
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ PIND testing not required on void free devices per MIL-PRF-19500.
Axial
SMS
Button


Similar Part No. - SRM6UF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM6UF SSDI-SRM6UF Datasheet
37Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
SRM6UFBTR SSDI-SRM6UFBTR Datasheet
37Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
SRM6UFSMS SSDI-SRM6UFSMS Datasheet
37Kb / 2P
   20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
More results

Similar Description - SRM6UF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com