Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8001G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICL8001G
Description  Single-Stage Flyback And PFC Controller For LED Lighting Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICL8001G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICL8001G Datasheet HTML 6Page - Infineon Technologies AG ICL8001G Datasheet HTML 7Page - Infineon Technologies AG ICL8001G Datasheet HTML 8Page - Infineon Technologies AG ICL8001G Datasheet HTML 9Page - Infineon Technologies AG ICL8001G Datasheet HTML 10Page - Infineon Technologies AG ICL8001G Datasheet HTML 11Page - Infineon Technologies AG ICL8001G Datasheet HTML 12Page - Infineon Technologies AG ICL8001G Datasheet HTML 13Page - Infineon Technologies AG ICL8001G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Single-Stage Flyback and PFC Controller
ICL8001G
Electrical Characteristics
Version 1.0
10
May 6, 2010
4
Electrical Characteristics
Note:
All voltages are measured with respect to ground (Pin 8). The voltage levels are valid if other ratings are
not violated.
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 7
(VCC) is discharged before assembling the application circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
HV Voltage
VHV
-
500
V
VCC Supply Voltage
VVCC
-0.3
27
V
FB Voltage
VFB
-0.3
5.0
V
ZCV Voltage
VZC
-0.3
5.0
V
CS Voltage
VCS
-0.3
5.0
V
GD Voltage
VOUT
-0.3
27
V
Maximum current out from ZC pin
IZCMAX
3
-
mA
Junction Temperature
Tj
-40
125
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction -Ambient
RthJA
-
185
K/W
PG-DSO-8
ESD Capability (incl. Drain Pin)
VESD
-
2
kV
Human body model1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
VVCCoff
VVCCOVP V
Junction Temperature of
Controller
TjCon
-25
125
°C


Similar Part No. - ICL8001G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8001 INTERSIL-ICL8001 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL8001G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
   Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
   Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Fairchild Semiconductor
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
[Old version datasheet]   Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com