Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP30E60 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDP30E60
Description  Fast Switching Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP30E60 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDP30E60_09 Datasheet HTML 1Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 2Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 3Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 4Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 5Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 6Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 7Page - Infineon Technologies AG IDP30E60_09 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2009-09-2
8
Rev.2.
4
Page 3
IDP30E60
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Reverse recovery time
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=25°C
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=125°C
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=150°C
trr
-
-
-
126
171
178
-
-
-
ns
Peak reverse current
VR=400V, IF = 30A, diF/dt=1000A/μs, Tj=25°C
VR=400V, IF =30A, diF/dt=1000A/μs, Tj=125°C
VR=400V, IF =30A, diF/dt=1000A/μs, Tj=150°C
Irrm
-
-
-
19
22
24
-
-
-
A
Reverse recovery charge
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=25°C
VR=400V, IF =30A, diF/dt=1000A/μs, Tj=125°C
VR=400V, IF =30A, diF/dt=1000A/μs, Tj=150°C
Qrr
-
-
-
1100
1950
2150
-
-
-
nC
Reverse recovery softness factor
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=25°C
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=125°C
VR=400V, IF=30A, diF/dt=1000A/μs, Tj=150°C
S
-
-
-
4
4.6
4.8
-
-
-


Similar Part No. - IDP30E60_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_13 Datasheet
512Kb / 8P
   Fast Switching Diode
2013-12-05 revision:2.5
More results

Similar Description - IDP30E60_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com