Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP30E60 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDP30E60
Description  Fast Switching Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP30E60 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDP30E60 Datasheet HTML 1Page - Infineon Technologies AG IDP30E60 Datasheet HTML 2Page - Infineon Technologies AG IDP30E60 Datasheet HTML 3Page - Infineon Technologies AG IDP30E60 Datasheet HTML 4Page - Infineon Technologies AG IDP30E60 Datasheet HTML 5Page - Infineon Technologies AG IDP30E60 Datasheet HTML 6Page - Infineon Technologies AG IDP30E60 Datasheet HTML 7Page - Infineon Technologies AG IDP30E60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2009-09-2
8
Rev.2.
4
Page 5
IDP30E60
5 Typ. reverse recovery time
trr = f (diF/dt)
parameter:
VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/μs 1000
d
iF/dt
100
150
200
250
300
350
400
ns
500
60A
30A
15A
6 Typ. reverse recovery charge
Qrr=f(diF/dt)
parameter:
VR = 400V, Tj = 125 °C
200
300
400
500
600
700
800 A/μs 1000
d
iF/dt
1000
1200
1400
1600
1800
2000
2200
nC
2600
15A
30A
60A
7 Typ. reverse recovery current
Irr = f (diF/dt)
parameter:
VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/μs 1000
d
iF/dt
6
8
10
12
14
16
18
20
22
A
26
60A
30A
15A
8 Typ. reverse recovery softness factor
S = f(d
iF/dt)
parameter:
VR = 400V, Tj = 125°C
200
300
400
500
600
700
800 A/μs 1000
d
iF/dt
3
4
5
6
7
8
9
10
12
60A
30A
15A


Similar Part No. - IDP30E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60 Datasheet
200Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP30E60 INFINEON-IDP30E60 Datasheet
512Kb / 8P
   Fast Switching Diode
2013-12-05 revision:2.5
logo
Thinki Semiconductor Co...
IDP30E60 THINKISEMI-IDP30E60 Datasheet
2Mb / 2P
   30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_13 Datasheet
512Kb / 8P
   Fast Switching Diode
2013-12-05 revision:2.5
More results

Similar Description - IDP30E60

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com