Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1323X Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC1323X
Description  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC1323X Datasheet HTML 1Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 2Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 3Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 4Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
4
Freescale Semiconductor
— Tag and force breakpoints
— In-circuit debugging with single breakpoint
Multiple low power modes (less than 1
μA in STOP3)
Keyboard interrupt (KBI) modules
— Two Keyboard control modules capable of supporting up to a 12x12 keyboard matrix
— 12 Dedicated KBI pins support a 6x6 matrix without impacting other IO resources
— 12 KBI interrupts with selectable polarity
Serial communication interface (SCI)
— Full duplex non-return to zero (NRZ)
— Baud rates as high as 1 Mbps can be supported
— LIN master extended break generation
— LIN slave extended break detection
— Wake-up on active edge
Serial peripheral interface (SPI)
— Full-duplex or single-wire bidirectional
— Double-buffered transmit and receive
— Master or Slave mode; MSB-first or LSB-first shifting
Inter-integrated circuit (IIC) interface -
— Up to 100 kbps baud rate with maximum bus loading
— Baud rates as high as 800 kbps can be programmed
— Multi-master operation
— Programmable slave address
— Interrupt driven byte-by-byte data transfer;
— Supports broadcast mode and 10-bit addressing
Four 16-bit timer/pulse width modulators (TPM[4:1]) - each TPM module has an assigned GPIO
pin and provides
— Single channel capability
— Input capture
— Output compare
— Buffered edge-aligned or center-aligned PWM
Carrier Modulator Timer (CMT) - IR Remote carrier generator, modulator, and transmitter.
Real-time counter (RTC)
— 16-bit modulus counter with binary or decimal based prescaler;
— External clock source for precise time base, time-of-day, calendar or task scheduling functions
— Capable of greater than one day interrupt.
System protection features
— Programmable low voltage warning and interrupt (LVI)


Similar Part No. - MC1323X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

Similar Description - MC1323X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com