Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT05S60C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDT05S60C
Description  2nd Generation thinQ SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDT05S60C Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDT05S60C Datasheet HTML 1Page - Infineon Technologies AG IDT05S60C Datasheet HTML 2Page - Infineon Technologies AG IDT05S60C Datasheet HTML 3Page - Infineon Technologies AG IDT05S60C Datasheet HTML 4Page - Infineon Technologies AG IDT05S60C Datasheet HTML 5Page - Infineon Technologies AG IDT05S60C Datasheet HTML 6Page - Infineon Technologies AG IDT05S60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IDT05S60C
5 Typ. forward power dissipation vs.
6 Typ. reverse current vs. reverse voltage
average forward current
I R=f(V R)
P F,AV=f(I F), T C=100 °C, parameter: D =t p/T
parameter: T j
7 Transient thermal impedance
8 Typ. capacitance vs. reverse voltage
Z thJC=f(t p)
C =f(V R); T C=25 °C, f =1 MHz
parameter: D =t p/T
10
-1
10
0
10
1
10
2
10
3
0
50
100
150
200
250
300
V R [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
1
10
0
10
-1
10
-2
t p [s]
-55ºC
25ºC
100ºC
150ºC
175ºC
10
2
10
1
10
0
10
-1
10
-2
10
-3
100
200
300
400
500
600
V R [V]
0.1
0.2
0.5
1
0
5
10
15
20
25
30
02468
10
12
I F(AV) [A]
Rev. 2.
1
page 4
200
8-06-06


Similar Part No. - IDT05S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDT05S60C INFINEON-IDT05S60C Datasheet
235Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
More results

Similar Description - IDT05S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT10S60C INFINEON-IDT10S60C_08 Datasheet
428Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-09
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com