Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3441 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3441
Description  MEDIUM POWER SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3441 Datasheet(HTML) 2 Page - Seme LAB

  2N3441 Datasheet HTML 1Page - Seme LAB 2N3441 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3441
Prelim. 7/94
LAB
SEME
IC = 0.1A
IB = 0
VCE = 140V
IB = 0
VCE = 140V
VBE(off) = 1.5V
TC = 150°C
VEB = 7V
IC = 0
VCE = 4V
IC = 0.5A
VCE = 4V
IC = 2.7A
IC = 2.7A
IB = 0.9A
VCE = 4V
IC = 2.7A
VCE = 4V
IC = 0.5A
f = 1kHz
VCE = 4V
IC = 0.5A
f = 0.4MHz
Collector – Emitter Sustaining
Voltage
Collector Cut–off Current
Collector Cut–off Current
Emitter Cut–off Current
DC Current Gain
Collector – Emitter
Saturation Voltage
Base – Emitter On Voltage
Small Signal Current Gain
Small Signal Current Gain
140
100
5
6
1
25
100
5
6
6.7
15
75
5
V
mA
mA
mA
V
V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
VCEO(sus)*
ICEO
ICEX
IEBO
hFE
VCE(sat)
VBE(on)
hfe
ïh
feï
* This test must NOT be measured on a curve tracer.
THERMAL CHARACTERISTICS
RqJC
Thermal Resistance Junction – Case
7
°C/W
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - 2N3441

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3441 MOSPEC-2N3441 Datasheet
94Kb / 2P
   POWER TRANSISTORS(3A,140V,25W)
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N3441 MICROSEMI-2N3441 Datasheet
64Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2N3441 ISC-2N3441 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2N3441 SAVANTIC-2N3441 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N3441

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com