Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27L Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # I.MX27L
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27L Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button I.MX27L_11 Datasheet HTML 88Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 89Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 90Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 91Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 92Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 93Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 94Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 95Page - Freescale Semiconductor, Inc I.MX27L_11 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
92
Freescale Semiconductor
Electrical Characteristics
NOTE
All the timings for the SSI are given for a non-inverted serial clock polarity
(TSCKP/RSCKP = 0) and a non-inverted frame sync (TFSI/RFSI = 0). If the
polarity of the clock and/or the frame sync have been inverted, all the timing
remains valid by inverting the clock signal STCK/SRCK and/or the frame
sync STFS/SRFS shown in the tables and in the figures.
All timings are on AUDMUX pads when the SSI is being used for data
transfer.
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
For internal Frame Sync operation using external clock, the FS timing will
be same as that of Tx Data, for example, during the AC97 mode of
operation.
4.3.12
Wireless External Interface Module (WEIM)
All WEIM output control signals may be asserted and deasserted by internal clock related to BCLK rising
edge or falling edge according to corresponding assertion/negation control fields. Address always begins
related to BCLK falling edge but may be ended both on rising and falling edge in muxed mode according
to control register configuration. Output data begins related to BCLK rising edge except in muxed mode
where both rising and falling edge may be used according to control register configuration. Input data,
ECB and DTACK all captured according to BCLK rising edge time. Figure 53 shows the timing of the
WEIM module, and Table 50 lists the timing parameters.


Similar Part No. - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
i.MX27L FREESCALE-i.MX27L Datasheet
2Mb / 148P
   Multimedia Applications Processor
More results

Similar Description - I.MX27L_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com