Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I.MX27 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor Multiple clock and power domains
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 19Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 20Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 21Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 22Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 23Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 24Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 25Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 26Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 152 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.7
Freescale Semiconductor
23
Functional Description and Application Information
and reception. It also has programmable data interface modes such as I2S, LSB, and MSB aligned and
programmable word lengths. Other program options include frame sync, clock generation, and
programmable I2S modes (Master, Slave, or Normal). Oversampling clock, ccm_ssi_clk is available as
output from SRCK in I2S Master mode.
In addition to AC97 support, the SSI has completely separate clock and frame sync selections for the
receive and transmit sections. In the AC97 standard, the clock is taken from an external source and frame
sync is generated internally. The SSI also has a programmable internal clock divider and Time Slot Mask
registers for reduced CPU overhead (for Tx and RX both).
2.3.35
Universal Asynchronous Receiver/Transmitter (UART)
The i.MX27/MX27L processors contain six UART modules. Each UART module is capable of standard
RS-232 non-return-to-zero (NRZ) encoding format and IrDA-compatible infrared modes. The UART
provides serial communication capability with external devices through an RS-232 cable or through use of
external circuitry that converts infrared signals to electrical signals (for reception); or it transforms
electrical signals to signals that drive an infrared LED (for transmission) to provide low-speed IrDA
compatibility.
The UART transmits and receives characters that are either 7 or 8 bits in length (program selectable). To
transmit, data is written from the peripheral data bus to a 32-byte transmitter FIFO (TxFIFO). This data is
passed to the shift register and shifted serially out on the transmitter pin (TXD). To receive, data is received
serially from the receiver pin (RXD) and stored in a 32-half-word-deep receiver FIFO (RxFIFO). The
received data is retrieved from the RxFIFO on the peripheral data bus. The RxFIFO and TxFIFO generate
maskable interrupts as well as DMA requests when the data level in each of the FIFO reaches a
programmed threshold level.
The UART generates baud rates based on a programmable divisor and input clock. The UART also
contains programmable auto baud detection circuitry to receive 1 or 2 stop bits as well as odd, even, or no
parity. The receiver detects framing errors, idle conditions, BREAK characters, parity errors, and overrun
errors.
2.3.36
Universal Serial Bus (USB)
The i.MX27/MX27L processors provide three USB ports. The USB module provides high performance
USB On-The-Go (OTG) functionality, compliant with the USB 2.0 specification, the OTG supplement,
and the ULPI 1.0 Low Pin Count specification. The module consists of three independent USB cores, each
controlling one USB port.
In addition to the USB cores, the USB module provides for Transceiverless Link (TLL) operation on host
Ports 1 and 2, and provides the ability of routing the OTG transceiver interface to Host Port 1 such that this
transceiver can be used to communicate with a USB peripheral connected to Host Port 1. The USB module
has two connections to the CPU bus—one IP-bus connection for register accesses and one AHB-bus
connection for the DMA transfer of data to and from the FIFOs.
The USB module includes the following features:
Full Speed/Low speed Host only core (HOST 1)
Transceiverless Link Logic (TLL) for on board connection to a FS/LS USB peripheral


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
i.MX27L FREESCALE-i.MX27L Datasheet
2Mb / 148P
   Multimedia Applications Processor
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com