Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51QU128VHS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF51QU128VHS
Description  Advance Information Temperature range (ambient): -40째C to 105째C
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QU128VHS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF51QU128VHS Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QU128VHS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
Field
Description
Values
MMM
Memory size (program flash memory)1
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
T
Temperature range, ambient (°C)
V = –40 to 105
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• HS = 44 Laminate QFN (5 mm x 5
mm)
• LF = 48 LQFP (7 mm x 7 mm)
• HX = 64 Laminate QFN (9 mm x 9
mm)
• LH = 64 LQFP (10 mm x 10 mm)
1. All parts also have FlexNVM, FlexRAM, and RAM.
2.4 Example
This is an example part number:
MCF51QU128VLH
Terminology and guidelines
3.1 Definition: Operating requirement
An operating requirement is a specified value or range of values for a technical
characteristic that you must guarantee during operation to avoid incorrect operation and
possibly decreasing the useful life of the chip.
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3
Terminology and guidelines
MCF51QU128 Advance Information Data Sheet, Rev. 0, 05/2011.
4
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - MCF51QU128VHS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QU128VHS FREESCALE-MCF51QU128VHS Datasheet
1Mb / 69P
   MCF51QU128
More results

Similar Description - MCF51QU128VHS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JU128 FREESCALE-MCF51JU128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QM128 FREESCALE-MCF51QM128 Datasheet
1,012Kb / 69P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51QH128 FREESCALE-MCF51QH128 Datasheet
1,009Kb / 68P
   Advance Information Temperature range (ambient): -40째C to 105째C
MCF51JF128 FREESCALE-MCF51JF128 Datasheet
1Mb / 71P
   Advance Information Temperature range (ambient): -40째C to 105째C
logo
Wurth Elektronik GmbH &...
744765090A WURTH-744765090A Datasheet
1Mb / 5P
   Ambient temperature: -40째C to 110째C (refering to IR)
logo
Freescale Semiconductor...
K60P121M100SF2 FREESCALE-K60P121M100SF2 Datasheet
1Mb / 72P
   K60 Sub-Family Data Sheet Temperature range (ambient): -40 to 105째C
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com