Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTN16245BBX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVTN16245BBX
Description  3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245BBX Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVTN16245BBX Datasheet HTML 1Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 2Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 3Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 4Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245BBX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVTN16245B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 15 June 2011
5 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig 4.
Pin configuration SOT1134-1 (HXQFN60U)
D1
D3
A16
A15
A14
A13
A12
A11
D2
B9
B10
D7
A17
A18
B11
A19
B12
A20
B13
A21
B14
B8
A10
D6
A9
A8
B7
B6
A7
B5
A6
A22
B15
A23
B16
A24
B17
A25
A26
D8
D4
A27
B18
A28
A29
B19
B20
A30
A31
A32
B4
A5
B3
B2
B1
D5
A4
A3
A2
A1
74LVTN16245B
001aak308
Transparent top view
terminal 1
index area
GND(1)


Similar Part No. - 74LVTN16245BBX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245BBQ NXP-74LVTN16245BBQ Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245BBQ NXP-74LVTN16245BBQ Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results

Similar Description - 74LVTN16245BBX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com