Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1613S080C1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ADC1613S080C1
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1613S080C1 Datasheet(HTML) 1 Page - NXP Semiconductors

  ADC1613S080C1 Datasheet HTML 1Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 2Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 3Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 4Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 5Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 6Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 7Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 8Page - NXP Semiconductors ADC1613S080C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1.
General description
The ADC1613S is a single channel 16-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1613S is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it outputs data in serial mode via a
single differential lane, which complies with the JESD204A standard. The integration of
Serial Peripheral Interface allows the user to easily configure the ADCs and the serial
output modes. The device also includes a programmable full-scale SPI to allow a flexible
input voltage range from 1 V (p-p) to 2 V (p-p).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1613S ideal for use in communications, imaging, and
medical applications.
2.
Features and benefits
3.
Applications
ADC1613S series
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
serial JESD204A interface
Rev. 2 — 9 June 2011
Product data sheet
SNR, 72.3 dBFS; SFDR, 88 dBc
Input bandwidth, 600 MHz
Sample rates up to 125 Msps
Power dissipation, 550 mW at 80 Msps
Single channel, 16-bit pipelined ADC
core
SPI register programming
3 V, 1.8 V power supplies
Duty cycle stabilizer
Flexible input voltage range:
1V(p-p)to2V(p-p)
High Intermediate Frequency (IF)
capability
Serial output
Offset binary, two’s complement, gray
code
Power-down mode and Sleep mode
Compliant with JESD204A serial
transmission standard
Pin compatible with ADC1413S series,
ADC1213S series, and ADC1113S125
HVQFN32 package
Wireless and wired broadband
communications
Portable instrumentation
Spectral analysis
Imaging systems
Ultrasound equipment


Similar Part No. - ADC1613S080C1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1613S080HN-C1 IDT-ADC1613S080HN-C1 Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1613S080C1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com