Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1LIN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD1LIN
Description  LIN-bus ESD protection diode ESD protection of one automotive LIN-bus line
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1LIN Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD1LIN_11 Datasheet HTML 1Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 2Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 3Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 4Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 5Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 6Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 7Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 8Page - NXP Semiconductors PESD1LIN_11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PESD1LIN in a very small SOD323 (SC-76) Surface-Mounted Device (SMD) plastic
package designed to protect one automotive Local Interconnect Network (LIN) bus line
from the damage caused by ElectroStatic Discharge (ESD) and other transients.
1.2 Features and benefits
ESD protection of one automotive LIN-bus line
Asymmetrical diode configuration ensures an optimized protection against
ElectroMagnetic Interferences (EMI) of a LIN Electronic Control Unit (ECU)
Max. peak pulse power: PPP =160 W at tp =8/20 s
Low clamping voltage: VCL =40V at IPP =1A
Ultra low leakage current: IRM <1nA
ESD protection of up to 23 kV
IEC 61000-4-2, level 4 (ESD)
IEC 61000-4-5 (surge); IPP =3A at tp =8/20 s
AEC-Q101 qualified
1.3 Applications
LIN-bus protection
Automotive applications
1.4 Quick reference data
PESD1LIN
LIN-bus ESD protection diode
Rev. 3 — 31 May 2011
Product data sheet
Table 1.
Quick reference data
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD1LIN (15 V)
-
-
15
V
PESD1LIN (24 V)
-
-
24
V
Cd
diode capacitance
VR =0V;
f=1MHz
-13
17
pF


Similar Part No. - PESD1LIN_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN-115 PHILIPS-PESD1LIN-115 Datasheet
205Kb / 12P
   ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
More results

Similar Description - PESD1LIN_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN-115 PHILIPS-PESD1LIN-115 Datasheet
205Kb / 12P
   ESD protection of one automotive LIN-bus line
Rev. 3-31 May 2011
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
   LIN bus ESD protection diode
Rev. 02-12 November 2008
logo
UN Semiconducctor INC
UESD1LIN UNSEMI-UESD1LIN Datasheet
914Kb / 4P
   LIN- bus ESD Protection Diode
Revision March 1,2022
logo
Nexperia B.V. All right...
PESD1LIN NEXPERIA-PESD1LIN Datasheet
899Kb / 12P
   LIN-bus ESD protection diode
Rev. 3 - 31 May 2011
logo
TECH PUBLIC Electronics...
ESDLIN1524BJ TECHPUBLIC-ESDLIN1524BJ Datasheet
1Mb / 4P
   LIN-bus ESD protection diode
logo
NXP Semiconductors
PESD1LIN PHILIPS-PESD1LIN Datasheet
86Kb / 12P
   LIN bus ESD protection diode in SOD323
Rev. 01-26 October 2004
logo
Pan Jit International I...
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
   ESD Protection, Bidirectional ESD protection of one line
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
   FLEXRAY BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
   Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com