Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W4XME1E1E Datasheet(PDF) 2 Page - OptoSupply International

Part # W4XME1E1E
Description  Green light source, fast response Long life, easy installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

W4XME1E1E Datasheet(HTML) 2 Page - OptoSupply International

  W4XME1E1E Datasheet HTML 1Page - OptoSupply International W4XME1E1E Datasheet HTML 2Page - OptoSupply International W4XME1E1E Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Device Selection Guide
1
Module no.
Color
Wavelength
(Typ.)
Overall luminous flux
G5XME1E1E
Green
525 nm
1350 lm
B5XME1E1E
Blue
470 nm
270 lm
Y5XME1E1E
Yellow
590 nm
900 lm
R5XME1E1E
Red
625nm
900 lm
M5XME1E1E
Warm White
3000K
1620 lm
W4XME1E1E
Pure White
6500K
1800 lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
26
V
Input Current (DC)
Ii
1
A
Power Dissipation
Pa
26
W
Operating Temperature
Tope
-25 ~ +60
DegC
Storage Temperature
Tstg
-40~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
Input Voltage(DC)
Vi
-
24
26
V
Product Input Current
If
-
1
1
A
Power Dissipation
Pa
24
26
W
Beam Pattern
BP
-
140
-
Deg
LED Quantity
QTY
18
Pcs
PCB Dimension
Lmod.
-
1000*20*1.6
-
mm
Net Weight
Wei.
---
120
---
g
Model No.
OEMCA0I18KP -
XXXME1C1E
REV.
1


Similar Part No. - W4XME1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
W4XME1E1E OPTOSUPPLY-W4XME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
More results

Similar Description - W4XME1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OEMC57I12KP-XXXME1E1E OPTOSUPPLY-OEMC57I12KP-XXXME1E1E Datasheet
101Kb / 3P
   Green light source, fast response Long life, easy installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
   Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
   Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
   Long life, easy installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
   Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
   Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
   Long life, easy installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
   Long life, easy Installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
   Long life, easy installation
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
   Long life, easy Installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com