Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKT11 Datasheet(PDF) 1 Page - Semikron International

Part # SKT11
Description  THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKT11 Datasheet(HTML) 1 Page - Semikron International

  SKT11 Datasheet HTML 1Page - Semikron International SKT11 Datasheet HTML 2Page - Semikron International SKT11 Datasheet HTML 3Page - Semikron International SKT11 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SKT 11,9 Qu RG sold Ag /18
© by SEMIKRON
Rev. 1 – 19.02.2010
1
THYRISTOR
SKT
IT(DC) = 150 A
VRRM = 1800 V
Size: 11,9 mm x 11,9 mm
Corner gate
SKT 11,9 Qu RG sold Ag /18
Features
• high current density due to double
mesa technology
• high surge current
• compatible to all standard solder
processes
Typical Applications*
• conrolled rectifier circuits
• solid state relays
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
VRRM
Tj =25°C, IR =0.2 mA
1800
V
VDRM
Tj =25°C, ID =0.2 mA
1800
V
IT(AV)
Tc =80°C, Tj = 130 °C
115
A
ITSM
Tj = 130 °C, 10 ms, sin 180°
1900
A
i2t
Tj = 130 °C, 10 ms, sin 180°
18050
A2s
Tjmax
130
°C
Electrical Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
VT
Tj = 130 °C, IT = 150 A
1.2
V
VT(TO)
Tj = 130 °C
0.85
V
rT
Tj = 130 °C
2.4
mΩ
IGT
Tj =25°C
100
mA
VGT
Tj =25°C
1.98
V
IGD
Tj = 115 °C
6mA
VGD
Tj = 130 °C
0.25
V
IH
Tj =25°C
220
mA
IL
Tj =25°C
550
mA
Dynamic Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
tq
Tj = 130 °C
200
µs
(di/dt)cr
Tj = 130 °C
140
A/µs
(dv/dt)cr
Tj = 130 °C
1000
V/µs
Thermal Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Tj
-40
130
°C
Tstg
-40
130
°C
Tsolder
255
°C
Rth(j-c)
typical assembly
0.28
K/W
Mechanical Characteristics
Symbol
Conditions
Values
Unit
Raster
size
11.9 x 11.9
mm2
Area total
141.61
mm2
Anode
solderable (Ag/Ni)
Gate and
Cathode
solderable (Ag/Ni)
Wire bond
Package
tray
Chips /
Package
36
pcs


Similar Part No. - SKT11

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT10 SEMIKRON-SKT10 Datasheet
560Kb / 4P
   Stud Thyristor
SKT10 SEMIKRON-SKT10 Datasheet
264Kb / 5P
   Thyristors
logo
Inchange Semiconductor ...
SKT10 ISC-SKT10 Datasheet
265Kb / 3P
   Line Thyristor
2023-9-13
logo
Semikron International
SKT10-3 SEMIKRON-SKT10-3 Datasheet
175Kb / 2P
   THYRISTOR
SKT10-3 SEMIKRON-SKT10-3 Datasheet
172Kb / 2P
   THYRISTOR
More results

Similar Description - SKT11

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com