Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKYPER32R_0701 Datasheet(PDF) 8 Page - Semikron International

Part # SKYPER32R_0701
Description  IGBT Driver Core
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKYPER32R_0701 Datasheet(HTML) 8 Page - Semikron International

Back Button SKYPER32R_0701 Datasheet HTML 4Page - Semikron International SKYPER32R_0701 Datasheet HTML 5Page - Semikron International SKYPER32R_0701 Datasheet HTML 6Page - Semikron International SKYPER32R_0701 Datasheet HTML 7Page - Semikron International SKYPER32R_0701 Datasheet HTML 8Page - Semikron International SKYPER32R_0701 Datasheet HTML 9Page - Semikron International SKYPER32R_0701 Datasheet HTML 10Page - Semikron International SKYPER32R_0701 Datasheet HTML 11Page - Semikron International SKYPER32R_0701 Datasheet HTML 12Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SKYPER™ 32 R
8
2007-01-19 – Rev05
© by SEMIKRON
Isolation Test Voltage
The isolation test voltage represents a measure of immunity to transient voltages. The maximum test voltage and time
applied once between input and output, and once between output 1 and output 2 are indicated in the absolute maximum
ratings. The high-voltage isolation tests and repeated tests of an isolation barrier can degrade isolation capability due to
partial discharge. Repeated isolation voltage tests should be performed with reduced voltage. The test voltage must be
reduced by 20% for each repeated test.
The isolation of the isolation barrier (transformer) is checked in the part. With exception of the isolation barrier, no active
parts, which could break through are used. An isolation test is not performed as a series test. Therefore, the user can
perform once the isolation test with voltage and time indicated in the absolute maximum ratings.
Auxiliary Power Supply
A few basic rules should be followed when dimensioning the customer side power supply for the driver. The following table
shows the required features of an appropriate power supply.
Requirements of the auxiliary power supply
Regulated power supply
+15V ±4%
Maximum rise time of auxiliary power supply
50ms
Minimum peak current of auxiliary supply
1A
Power on reset completed after
150ms
The supplying switched mode power supply may not be turned-off for a short time as consequence of its current limitation.
Its output characteristic needs to be considered. Switched mode power supplies with fold-back characteristic or hiccup-mode
can create problems if no sufficient over current margin is available. The voltage has to rise continuously and without any
plateau formation as shown in the following diagram.
Rising slope of the power supply voltage
If the power supply is able to provide a higher current, a peak current will flow in the first instant to charge up the input
capacitances on the driver. Its peak current value will be limited by the power supply and the effective impedances (e.g.
distribution lines), only.
It is recommended to avoid the paralleling of several customer side power supply units. Their different set current limitations
may lead to dips in the supply voltage.
The driver is ready for operation typically 150ms after turning on the supply voltage. The driver error signal
PRIM_nERROR_OUT is operational after this time. Without any error present, the error signal will be reset.
To assure a high level of system safety the TOP and BOT signal inputs should stay in a defined state (OFF state, LOW)
during driver turn-on time. Only after the end of the power-on-reset, IGBT switching operation shall be permitted.
Please note:
Do not apply switching
signals during power on
reset.
Please note:
An isolation test is not performed at SEMIKRON as a series test.


Similar Part No. - SKYPER32R_0701

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32RUL SEMIKRON-SKYPER32RUL Datasheet
444Kb / 16P
   IGBT Driver Core
More results

Similar Description - SKYPER32R_0701

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
   IGBT Driver Core
SKYPER32RUL SEMIKRON-SKYPER32RUL Datasheet
444Kb / 16P
   IGBT Driver Core
SKYPER32R SEMIKRON-SKYPER32R Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER52R SEMIKRON-SKYPER52R Datasheet
846Kb / 24P
   IGBT Driver Core
SKYPER32 SEMIKRON-SKYPER32 Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PROR_0701 SEMIKRON-SKYPER32PROR_0701 Datasheet
644Kb / 18P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
44Kb / 1P
   IGBT Driver Core
SKYPER42R SEMIKRON-SKYPER42R Datasheet
618Kb / 18P
   IGBT Driver Core
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com