Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK12S2QANAA Datasheet(PDF) 1 Page - GREATECS

Part # RK12S2QANAA
Description  23 mm Round illuminated Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK12S2QANAA Datasheet(HTML) 1 Page - GREATECS

  RK12S2QANAA Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
Ø23 mm Round illuminated Rocker Switches
RK12 Series
General Specifications:
FEATURES
» Round rocker switch
» Single pole or double pole
» Illuminated or non-illuminated
MATERIALS of RK12S
» Contact Arm (RK12S): Silver plated copper alloy
» Movable Contact Arm (RK12D): Phosphorus bronze
» Movable Contact (RK12D): Silver alloy
» Terminals: Silver plated copper
» Lamp: Neon for AC; Tungsten bulb for DC
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating (RK12S): 20A125VAC, 12A250VAC
10A125VAC / 6A250VAC
6A125VAC / 3A250VAC
6A250VAC
10(4)A250VAC~T125
» Rating (RK12D): 12A125VAC, 10A250VAC
10A125VAC / 8A250VAC
10A250VAC
10(4)A250V~T125/55
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK12
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
RK12S Single Pole
RK12D_ _ _U Double Poles illuminated
RK12D_ _ _N Double Poles non-illuminated
Q
4.8mm TAB, 0.8mm Thick
D1 Solder Tag Type 1
D2 Solder Tag Type 2
D3 Solder Tag Type 3
H
Thru Hole Straight
A
B
D
E
7.00
Ø 19.80
9.20
5.00
8.00
5.00
8.00
1A
2A
3B
4B
CIRCUIT
1A
2A
3B
4B
CIRCUIT
LOAD
1
2
3
CIRCUIT
PANEL CUT-OUT
Snap-in mounting
21.0±0.10
9.20
S
D
1
2
Q
D1
D2
D3
H
A
B
C
D
E
F
POLES:
Single Pole
Double Poles
SWITCHING:
ON - OFF
ON - ON (RK12S Only)
TERMINAL
(See above drawings):
Quick Connect
Solder Tag Type 1
Solder Tag Type 2
Solder Tag Type 3
Thru Hole Straight
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
N
T
U
A
H
B
A
H
B
C
F
D
G
E
ILLUMINATION:
No Illuminated (Standard)
No Illuminated with
transparent Rocker
Illuminated
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
Green
Orange
Blue (RK12S Only)
Yellow (RK12D Only)
1
2
3
4
5
6
7
TERMINAL
ACTUATOR SHAPE
PANEL SIZE
B12


Similar Part No. - RK12S2QANAA

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RK1206AS-1000FN-2Q BARRY-RK1206AS-1000FN-2Q Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-2S BARRY-RK1206AS-1000FN-2S Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-81 BARRY-RK1206AS-1000FN-81 Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-83 BARRY-RK1206AS-1000FN-83 Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-91 BARRY-RK1206AS-1000FN-91 Datasheet
99Kb / 1P
   Alumina, BeO Free, BeO and AlN
02/11/10
More results

Similar Description - RK12S2QANAA

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
GREATECS
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
GREATECS
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com