Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKYPER42R Datasheet(PDF) 10 Page - Semikron International

Part # SKYPER42R
Description  IGBT Driver Core
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKYPER42R Datasheet(HTML) 10 Page - Semikron International

Back Button SKYPER42R Datasheet HTML 6Page - Semikron International SKYPER42R Datasheet HTML 7Page - Semikron International SKYPER42R Datasheet HTML 8Page - Semikron International SKYPER42R Datasheet HTML 9Page - Semikron International SKYPER42R Datasheet HTML 10Page - Semikron International SKYPER42R Datasheet HTML 11Page - Semikron International SKYPER42R Datasheet HTML 12Page - Semikron International SKYPER42R Datasheet HTML 13Page - Semikron International SKYPER42R Datasheet HTML 14Page - Semikron International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SKYPER
® 42 R
9
2011-04-04 – Rev05
© by SEMIKRON
3.5.
Power supply - Primary
Requirements of the auxiliary power supply
Regulated power supply
+15V ±4%
Maximum rise time of auxiliary power supply
150ms
Power on reset completed after
56ms
The same power supply used for SKYPER 32 can be taken
The supplying switched mode power supply may not be turned-off for a short time as consequence of
its current limitation. Its output characteristic needs to be considered. Switched mode power supplies
with fold-back characteristic or hiccup-mode can create problems if no sufficient over current margin is
available. The voltage has to rise continuously.
If the power supply is able to provide a higher current, a peak current will flow in the first instant to
charge up the input capacitances on the driver. Its peak current value will be limited by the power
supply and the effective impedances (e.g. distribution lines), only.
The driver error signal PRIM_nERROR_OUT is operational after 56ms. Without any error present, the
error signal will be reset.
To assure a high level of system safety the TOP and BOT signal inputs should stay in a defined state
(OFF state, LOW) during driver turn-on time. Only after the end of the power-on-reset, IGBT switching
operation shall be permitted.
3.6.
Gate driver signals – Primary
The signal transfer to each IGBT is made with pulse transformers, used for switching on and switching off of the
IGBT. The inputs have a Schmitt Trigger characteristic and a positive / active high logic (input HIGH = IGBT on;
input LOW = IGBT off).
It is mandatory to use circuits which switch active to +15V and 0V. Pull up and open collector output stages
must not be used for TOP / BOT control signals. It is recommended choosing the line drivers according to the
demanded length of the signal lines. The duty cycle of the driver can be adjusted between 0 – 100%. It is not
permitted to apply switching pulses shorter than 1µs.
TOP / BOT Input
A capacitor is connected to the input
to obtain high noise immunity. This
capacitor
can
cause
for
current
limited line drivers a little delay of few
ns, which can be neglected. The
capacitors have to be placed as
close
as
possible
to the
driver
interface.
Please note:
Do not apply switching
signals during power on
reset.


Similar Part No. - SKYPER42R

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32 SEMIKRON-SKYPER32 Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
44Kb / 1P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
644Kb / 18P
   IGBT Driver Core
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
   IGBT Driver Core
More results

Similar Description - SKYPER42R

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
   IGBT Driver Core
SKYPER32R_0701 SEMIKRON-SKYPER32R_0701 Datasheet
638Kb / 16P
   IGBT Driver Core
SKYPER32RUL SEMIKRON-SKYPER32RUL Datasheet
444Kb / 16P
   IGBT Driver Core
SKYPER32R SEMIKRON-SKYPER32R Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER52R SEMIKRON-SKYPER52R Datasheet
846Kb / 24P
   IGBT Driver Core
SKYPER32 SEMIKRON-SKYPER32 Datasheet
43Kb / 1P
   IGBT Driver Core
SKYPER32PROR_0701 SEMIKRON-SKYPER32PROR_0701 Datasheet
644Kb / 18P
   IGBT Driver Core
SKYPER32PROR SEMIKRON-SKYPER32PROR Datasheet
44Kb / 1P
   IGBT Driver Core
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com