Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK6S3Q4CHHN Datasheet(PDF) 1 Page - GREATECS

Part # RK6S3Q4CHHN
Description  21 x 9.5 mm Half Body SP Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK6S3Q4CHHN Datasheet(HTML) 1 Page - GREATECS

  RK6S3Q4CHHN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
21 x 9.5 mm Half Body SP Rocker Switches
RK6 Series
RK6S3Q4_ _ _ _N ON-OFF-ON; Without Waterproof Cover
RK6
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
Q
4.8mm TAB,
0.8mm Thick
D
Solder Tag
4 Curve
(No Illuminated)
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dim. Y (mm)
Dim. Z (mm)
0.75 to 1.25
12.90 +0.15/-0
6.65 ~ 6.75
1.25 to 2
12.90 +0.15/-0
6.65 ~ 6.75
2 to 3
12.90 +0.15/-0
6.65 ~ 6.75
A
B
C
D
F
G
RK6S1Q4_ _ _ _W ON-OFF; With Waterproof Cover
21.00
5.50
0.80
24.40
5.50
0.80
CIRCUIT
CIRCUIT
S
1
2
3
4
5
Q
D
4
A
B
C
D
F
G
POLES:
Single Pole
SWITCHING:
ON - OFF
ON - ON
ON - OFF - ON
MOM - OFF
MOM - ON
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm THICK
Solder Tag
ACTUATOR (See above drawings):
Curve
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
A
H
B
A
H
B
C
N
W
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
1
2
3
4
6
5
7
8
General Specifications:
FEATURES
» Single pole half body rocker switch up to 10(4)A
250VAC
» Non-illuminated
MATERIALS
» Contact Arm: Silver plated copper alloy
» Terminal: Silver plated copper
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +85°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 13A125VAC / 10A250VAC /
1/2HP 125/250VAC
10A125/250VAC
10(4)A250VAC~ µT85
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
ACTUATOR
ACTUATOR MARKING
TERMINAL
PANEL SIZE
B06


Similar Part No. - RK6S3Q4CHHN

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RK600A EDI-RK600A Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK600B EDI-RK600B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
GREATECS
RK66R GREATECS-RK66R Datasheet
245Kb / 1P
   SP Waterproof Rocker Switch
RK66R13112A35 GREATECS-RK66R13112A35 Datasheet
245Kb / 1P
   SP Waterproof Rocker Switch
RK66R13112D35 GREATECS-RK66R13112D35 Datasheet
245Kb / 1P
   SP Waterproof Rocker Switch
More results

Similar Description - RK6S3Q4CHHN

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK4 GREATECS-RK4 Datasheet
481Kb / 1P
   21 x 15 mm SP Rocker Switches
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
   21 x 15 mm Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
RK5 GREATECS-RK5 Datasheet
203Kb / 1P
   21 x 15 mm DP Rocker Switch
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
logo
TRIAD MAGNETICS
SP-21 TRIAD-SP-21 Datasheet
39Kb / 1P
   SP-21
logo
GREATECS
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com